Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88307BL Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88307BL
Description  3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88307BL Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88307BL Datasheet HTML 1Page - Micrel Semiconductor SY88307BL Datasheet HTML 2Page - Micrel Semiconductor SY88307BL Datasheet HTML 3Page - Micrel Semiconductor SY88307BL Datasheet HTML 4Page - Micrel Semiconductor SY88307BL Datasheet HTML 5Page - Micrel Semiconductor SY88307BL Datasheet HTML 6Page - Micrel Semiconductor SY88307BL Datasheet HTML 7Page - Micrel Semiconductor SY88307BL Datasheet HTML 8Page - Micrel Semiconductor SY88307BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SY88307BL
November 2007
5
M9999-111507-C
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RL = 50
Ω to V
CC-2V; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = +25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output RiseFall Time
(20% to 80%)
Note 4
150
ps
tJITTER
Deterministic
Random
Note 5
Note 6
15
5
psPP
psRMS
VID
Differential Input Voltage Swing
Figure 1
5
1800
mVPP
VOD
Differential Output Voltage Swing
VID > 12mVPP, Figure 1
1500
mVPP
TOFF
LOS De-assert Time
2
10
µs
TON
LOS Assert Time
2
10
µs
LOSDL
Low LOS De-assert Level
R = 15k
Ω, Note 8
27
mVPP
LOSAL
Low LOS Assert Level
R = 15k
Ω, Note 8
18
mVPP
HYSL
Low LOS Hysteresis
R = 15k
Ω, Note 7
3.4
dB
LOSDM
Medium LOS De-assert Level
R = 5k
Ω, Note 8
53
80
mVPP
LOSAM
Medium LOS Assert Level
R = 5k
Ω, Note 8
21
36
mVPP
HYSM
LOS Hysteresis
R = 5k
Ω, Note 7
2
3.5
6
dB
LOSDH
High LOS De-assert Level
R = 100
Ω, Note 8
137
200
mVPP
LOSAH
High LOS Assert Level
R = 100
Ω, Note 8
70
94
mVPP
HYSH
High LOS Hysteresis
R = 100
Ω, Note 7
2
3.5
6
dB
B-3dB
3dB Bandwidth
1.8
GHz
AV(Diff)
Differential Voltage Gain
42
dB
S21
Single-ended Small-Signal Gain
30
36
dB
Notes:
4. Amplifier in limiting mode. Input is a 200MHz, 100mVpp square wave.
5. Deterministic jitter measured using 3.2Gbps K28.5 pattern, VID = 10mVPP.
6. Random jitter measured using 3.2Gbps K28.7 pattern, VID = 10mVPP.
7. This specification defines electrical hysteresis as 20log (LOS De-assert/LOS Assert). The ratio between optical hysteresis and electrical
hysteresis is found to vary between 1.5 and 2, depending upon the level of received optical power and ROSA characteristics. Based upon that
ratio, the optical hysteresis corresponding to the electrical hysteresis range 2dB-6dB, shown in the AC characteristics table, will be 1dB-3dB
Optical Hysteresis.
8. See “Typical Operating Characteristics” for a graph showing how to choose a particular RLOSLVL for a particular LOS assert and its associated
de-assert amplitude.


Similar Part No. - SY88307BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
logo
Microchip Technology
SY88303BL MICROCHIP-SY88303BL Datasheet
947Kb / 19P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
09/14/21
logo
Micrel Semiconductor
SY88303BLEY MICREL-SY88303BLEY Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88303BLEYTR MICREL-SY88303BLEYTR Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88303BLMG MICREL-SY88303BLMG Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results

Similar Description - SY88307BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88309BL MICREL-SY88309BL Datasheet
340Kb / 11P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Signal-Detect Range
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
logo
Microchip Technology
SY88303BL MICROCHIP-SY88303BL Datasheet
947Kb / 19P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
09/14/21
logo
Micrel Semiconductor
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com