Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4051 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4051
Description  8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4051 Datasheet(HTML) 4 Page - Unisonic Technologies

  4051 Datasheet HTML 1Page - Unisonic Technologies 4051 Datasheet HTML 2Page - Unisonic Technologies 4051 Datasheet HTML 3Page - Unisonic Technologies 4051 Datasheet HTML 4Page - Unisonic Technologies 4051 Datasheet HTML 5Page - Unisonic Technologies 4051 Datasheet HTML 6Page - Unisonic Technologies 4051 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4051
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-054.B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONTROL INPUTS – INHIBIT A, B, C (Voltages Referenced to VSS)
VDD=5V
2.25
1.5
VDD=10V
4.50
3.0
Low Level Input Voltage
VDD=15V
VIL
RON= per spec, IOFF = per spec
6.75
4.0
V
VDD=5V
3.5
2.75
VDD=10V
7
5.5
High Level Input Voltage
VDD=15V
VIH
RON= per spec, IOFF = per spec
11
8.25
V
Input Leakage Current
ILEAK
VIN= 0 or VDD, VDD=15V
±0.00001
±0.1
µA
Input Capacitance
CIN
5.0
7.5
pF
DYNAMIC ELECTRICAL CHARACTERISTICS
(CL = 50pF, Ta=25℃, VEE≦VSS, unless otherwise specified)
PARAMETER
SYMBOL
VDD–VEE
Vdc
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay Times
Switch Input to Switch
Output (RL = 10 kΩ)
tPLH, tPHL
5
10
15
tPLH, tPHL =(0.17 ns/pF)CL + 26.5ns
tPLH, tPHL =(0.08 ns/pF)CL + 11ns
tPLH, tPHL =(0.06 ns/pF)CL + 9ns
35
15
12
90
40
30
ns
Inhibit to Output
tPHZ, tPLZ
tPZH, tPZL
5
10
15
(RL=10kΩ, VEE=VSS)
Output “1” or “0” to High Impedance,
or High Impedance to “1” or “0” Level
350
170
140
700
340
280
ns
Control Input to Output
tPLH, tPHL
5
10
15
RL = 10 kΩ, VEE = VSS
360
160
120
720
320
240
ns
Total Harmonic Distortion
THD
10
RL = 10KΩ, f = 1 kHz, Vin = 5 VPP
0.07
%
Bandwidth
BW
10
RL = 1kΩ, VIN = 1/2 (VDD–VEE) p–p,
CL = 50pF, 20 Log (VOUT/VIN) = -3dB)
17
MHz
Off Channel Feedthrough
Attenuation
10
RL=1KΩ, VIN = 1/2 (VDD–VEE) p–p
fIN = 4.5 MHz
-50
dB
Channel Separation
10
RL = 1kΩ, VIN = 1/2 (VDD–VEE) p–p
fIN = 3MHz
-50
dB
Crosstalk, Control Input to
Common O/I
10
R1 = 1kΩ, RL = 10kΩ Control
tTLH = tTHL = 20ns, Inhibit = VSS
75
mV
Note 1. Data of “TYP” is intended as an indication of the IC’s potential performance.
2. For voltage drops across the switch(∆Vsw)>600mV (>300mV at high temperature), excessive VDD current
may be drawn, i.e. the current out of the switch may contain both VDD and switch input components. The
reliability of the device will be unaffected unless the Maximum Ratings are exceeded.


Similar Part No. - 4051

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4051 UTC-4051 Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051 Datasheet
216Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
3M Electronics
4051 3M-4051 Datasheet
26Kb / 2P
   4051 Wire Insertion/Cut Off Tool
1, November 1978
logo
Unisonic Technologies
4051-D16-T UTC-4051-D16-T Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - 4051

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A_08 Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051 Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_15 Datasheet
333Kb / 8P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_18 Datasheet
216Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN74LV4051A TI1-SN74LV4051A_15 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel Analog Multiplexers and Demultiplexers
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com