Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N60G-X-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 6N60G-X-TN3-R
Description  6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N60G-X-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  6N60G-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 6N60G-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 6N60G-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 6N60G-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 6N60G-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies 6N60G-X-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N60
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-117.D
6.2 Amps, 600/650 Volts
N-CHANNEL MOSFET
DESCRIPTION
The UTC 6N60 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in switching power supplies and adaptors.
FEATURES
* RDS(ON) = 1.5Ω @VGS = 10V
* Ultra low gate charge (typical 20 nC )
* Low reverse transfer Capacitance ( CRSS = typical 10pF )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-251
1
1
TO-252
TO-220
1
1
TO-220F
1
TO-220F1
Lead-free:
6N60L
Halogen-free:6N60G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
6N60L-x-TA3-T
6N60G-x-TA3-T
TO-220
G
D
S
Tube
6N60L-x-TF1-T
6N60G-x-TF1-T
TO-220F1
G
D
S
Tube
6N60L-x-TF3-T
6N60G-x-TF3-T
TO-220F
G
D
S
Tube
6N60L-x-TM3-T
6N60G-x-TM3-T
TO-251
G
D
S
Tube
6N60L-x-TN3-R
6N60G-x-TN3-R
TO-252
G
D
S
Tape Reel


Similar Part No. - 6N60G-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N60G-TA3-T UTC-6N60G-TA3-T Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
6N60G-TA3-T UTC-6N60G-TA3-T Datasheet
264Kb / 7P
   N-CHANNEL POWER MOSFET
6N60G-TF1-T UTC-6N60G-TF1-T Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
6N60G-TF1-T UTC-6N60G-TF1-T Datasheet
225Kb / 7P
   N-CHANNEL POWER MOSFET
6N60G-TF1-T UTC-6N60G-TF1-T Datasheet
264Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 6N60G-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N60 UTC-6N60 Datasheet
141Kb / 7P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60A UTC-7N60A Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z Datasheet
194Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60L UTC-7N60L Datasheet
182Kb / 7P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60_10 Datasheet
358Kb / 7P
   12 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60 Datasheet
235Kb / 6P
   12 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
   1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A_09 Datasheet
224Kb / 8P
   0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
5N60 UTC-5N60_10 Datasheet
242Kb / 6P
   4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z_10 Datasheet
213Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com