Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS4P1010-561K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RS4P1010-561K-RC
Description  Radial Shielded 4 Pin Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RS4P1010-561K-RC Datasheet(HTML) 1 Page - Allied Components International

  RS4P1010-561K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Magnetically Shielded
• Integrated Standoff for insulated and
stable mounting
Electrical
Inductance Range: 10µh ~ 1000µh
Tolerance: 20% @ 10µh ~ 47µH
RS4P1010-100M-RC
Allied
Part
Number
Inductance
Test
Rated
(A) Max
DCR
20
Radial Shielded 4 Pin Inductor
RS4P1010
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Test Frequency: 2.52MHz / 1V @ 10µH-82µH
Operating Temp: -40ºC ~ +85ºC
Storage Temp: -40ºC ~ +125ºC
Rated Current: The current at which the inductance will
drop 10% from its intial value
Test Equipment
(L): HP4284A / HP4285A
DCR: CH502BC
Physical
Packaging: 200 / Inner Box
Marking: EIA Inductance Code
REVISED 10/01/10
(µH)
MAX
Frequency
@ 0.1v
Current: VR126G/7220
10
Tolerance
%
2.52 MHz .023
3.51
10% @ 56µh ~ 1000µH
1KHz / 1V @ 100µH ~ 1000µH
Current
RS4P1010-120M-RC
20
12
2.52 MHz .024
3.24
RS4P1010-150M-RC
20
15
2.52 MHz .036
2.88
RS4P1010-180M-RC
20
18
2.52 MHz .039
2.61
RS4P1010-220M-RC
20
22
2.52 MHz .042
2.34
RS4P1010-270M-RC
20
27
2.52 MHz .045
2.16
RS4P1010-330M-RC
20
33
2.52 MHz .057
1.89
RS4P1010-390M-RC
20
39
2.52 MHz .076
1.80
RS4P1010-470M-RC
20
47
2.52 MHz .100
1.62
RS4P1010-560K-RC
10
56
2.52 MHz .110
1.44
RS4P1010-680K-RC
10
68
2.52 MHz .150
1.35
RS4P1010-820K-RC
10
82
2.52 MHz .160
1.26
RS4P1010-101K-RC
10
100
1 KHz
.190
1.08
RS4P1010-121K-RC
10
120
1 KHz
.210
0.99
RS4P1010-151K-RC
10
150
1 KHz
.230
0.90
RS4P1010-181K-RC
10
180
1 KHz
.260
0.82
RS4P1010-221K-RC
10
220
1 KHz
.290
0.74
RS4P1010-271K-RC
10
271
1 KHz
.360
0.67
RS4P1010-331K-RC
10
330
1 KHz
.510
0.61
RS4P1010-391K-RC
10
390
1 KHz
.690
0.55
RS4P1010-471K-RC
10
470
1 KHz
.980
0.51
All specifications subject to change without notice.
• 4 Pin Mounting for high vibration and
rugged applications
RS4P1010-561K-RC
10
560
1 KHz
1.10
0.46
RS4P1010-681K-RC
10
680
1 KHz
1.20
0.42
RS4P1010-821K-RC
10
820
1 KHz
1.30
0.38
RS4P1010-102K-RC
10
1000
1 KHz
1.50
0.35
(10.0±0.5)
(10.0±0.5)
(15.0±0.3)
(4.0±0.3)
(5.0±0.3)
(6.4±0.3)
Dimensions:
Inches
(mm)
.394±0.0197
.394±0.0197
.591±0.012
.157±0.012
.197±0.012
.252±0.012


Similar Part No. - RS4P1010-561K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RS4P1008-100M-RC ALLIED-RS4P1008-100M-RC Datasheet
1Mb / 1P
   Radial Shielded 4 Pin Inductor
RS4P1008-101K-RC ALLIED-RS4P1008-101K-RC Datasheet
1Mb / 1P
   Radial Shielded 4 Pin Inductor
RS4P1008-102K-RC ALLIED-RS4P1008-102K-RC Datasheet
1Mb / 1P
   Radial Shielded 4 Pin Inductor
RS4P1008-120M-RC ALLIED-RS4P1008-120M-RC Datasheet
1Mb / 1P
   Radial Shielded 4 Pin Inductor
RS4P1008-121K-RC ALLIED-RS4P1008-121K-RC Datasheet
1Mb / 1P
   Radial Shielded 4 Pin Inductor
More results

Similar Description - RS4P1010-561K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RS4P1008-100M-RC ALLIED-RS4P1008-100M-RC Datasheet
1Mb / 1P
   Radial Shielded 4 Pin Inductor
RS0807-220L-RC ALLIED-RS0807-220L-RC Datasheet
1Mb / 1P
   Radial Shielded Inductor
RS1010-100M-RC ALLIED-RS1010-100M-RC Datasheet
331Kb / 1P
   Radial Shielded Inductor
RS1008-100M-RC ALLIED-RS1008-100M-RC Datasheet
333Kb / 1P
   Radial Shielded Inductor
logo
MPS Industries, Inc.
P11RS2875 MPSIND-P11RS2875 Datasheet
154Kb / 1P
   SHIELDED RADIAL INDUCTOR
logo
XFMRS Inc.
XFRL1114SH-3R3M XFMRS-XFRL1114SH-3R3M Datasheet
34Kb / 1P
   Shielded Radial Leaded Inductor
RLXF1619SH-140M XFMRS-RLXF1619SH-140M Datasheet
34Kb / 1P
   SHIELDED RADIAL LEADED INDUCTOR
logo
Wurth Elektronik GmbH &...
7447471330 WURTH-7447471330 Datasheet
899Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731222 WURTH-744731222 Datasheet
904Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471022 WURTH-7447471022 Datasheet
884Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com