Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5N60L-X-TF3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 5N60L-X-TF3-T
Description  4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N60L-X-TF3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  5N60L-X-TF3-T Datasheet HTML 1Page - Unisonic Technologies 5N60L-X-TF3-T Datasheet HTML 2Page - Unisonic Technologies 5N60L-X-TF3-T Datasheet HTML 3Page - Unisonic Technologies 5N60L-X-TF3-T Datasheet HTML 4Page - Unisonic Technologies 5N60L-X-TF3-T Datasheet HTML 5Page - Unisonic Technologies 5N60L-X-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-065,F
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
5N60-A
VGS =0V, ID = 250μA
600
Drain-Source Breakdown Voltage
5N60-B
BVDSS
VGS =0V, ID = 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS =600V, VGS = 0V
1
μA
Forward
VGS =30V, VDS = 0V
100
Gate-Source Leakage Current
Reverse
IGSS
VGS =-30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature
Coefficient
BV
DSS/△TJ
ID =250μA, Referenced to 25℃
0.6
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS =10V, ID = 2.25A
2.0
2.5
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
515 670
pF
Output Capacitance
COSS
55
72
pF
Reverse Transfer Capacitance
CRSS
VDS = 25V, VGS = 0V,
f = 1.0MHz
6.5
8.5
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
10
30
ns
Turn-On Rise Time
tR
42
90
ns
Turn-Off Delay Time
tD(OFF)
38
85
ns
Turn-Off Fall Time
tF
VDD = 300V, ID =4.5 A,
RG = 25Ω (Note 1, 2)
46
100
ns
Total Gate Charge
QG
15
19
nC
Gate-Source Charge
QGS
2.5
nC
Gate-Drain Charge
QGD
VDS = 480 V, ID = 4.5A,
VGS = 10 V (Note 1, 2)
6.6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 4.5 A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
4.5
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
18
A
Reverse Recovery Time
tRR
300
ns
Reverse Recovery Charge
QRR
VGS = 0 V, IS = 4.5 A,
dIF / dt = 100 A/μs (Note 1)
2.2
μC
Note 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 5N60L-X-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N60L-TA3-T UTC-5N60L-TA3-T Datasheet
151Kb / 6P
   4.5 Amps, 600 Volts N-CHANNEL MOSFET
5N60L-TA3-T UTC-5N60L-TA3-T Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
5N60L-TA3-T UTC-5N60L-TA3-T Datasheet
329Kb / 7P
   N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
5N60L-TA3-T VBSEMI-5N60L-TA3-T Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
5N60L-TF1-T UTC-5N60L-TF1-T Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 5N60L-X-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N60 UTC-5N60 Datasheet
151Kb / 6P
   4.5 Amps, 600 Volts N-CHANNEL MOSFET
6N60 UTC-6N60_10 Datasheet
249Kb / 6P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60A UTC-7N60A Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z Datasheet
194Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60L UTC-7N60L Datasheet
182Kb / 7P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60_10 Datasheet
358Kb / 7P
   12 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60 Datasheet
235Kb / 6P
   12 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
   1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A_09 Datasheet
224Kb / 8P
   0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
141Kb / 7P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com