Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB10-03A3 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SB10-03A3
Description  30V, 1.0A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB10-03A3 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB10-03A3 Datasheet HTML 1Page - Sanyo Semicon Device SB10-03A3 Datasheet HTML 2Page - Sanyo Semicon Device SB10-03A3 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB10-03A2/SB10-03A3
Ordering number : EN2929A
30V, 1.0A Rectifier
Schottky Barrier Diode
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
O0797GI/D198TA, TS No.2929-1/3
Applications
• High frequency rectification (switching regulators, converters, choppers).
Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=30ns).
• Low switching noise.
• Average rectified current (Io=1.0A).
Absolute Maximum Ratings at Ta=25°C
unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse
VRSM
35
V
Surge Voltage
Average Rectified Current
Io
SB10-03A2
1.0
A
50Hz, resistive load, sine wave, Ta=50°C
(L=8mm, 10
×10mm2 print land)
SB10-03A3
1.0
A
50Hz, resistive load, sine wave, Ta=46°C
(L=3mm, 5
×5mm2 print land)
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
40
A
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
–40 to +125
°C
Electrical Characteristics at Ta=25°C
min
typ
max
unit
Forward Voltage
VF
IF=1.0A
0.55
V
Reverse Current
IR
VR=30V
1.0
mA
Reverse Recovery Time
trr
IFM=1A, –di/dt=50A/µs
30
ns
Thermal Resistance
Rth(j-a)
No fin, device only
140
°C/W
(Junction-Ambient)
[SB10-03A2]
Package Dimensions 1208
(unit : mm)
[SB10-03A3]
Package Dimensions 1209
(unit : mm)


Similar Part No. - SB10-03A3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB10-03A3 ONSEMI-SB10-03A3 Datasheet
724Kb / 3P
   Schottky Rectifier
July, 2013
More results

Similar Description - SB10-03A3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB1003M3 SANYO-SB1003M3 Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1.0A Rectifier
SBE807 SANYO-SBE807 Datasheet
56Kb / 3P
   Schottky Barrier Diode 30V, 1.0A Rectifier
logo
Rohm
QS6K1 ROHM-QS6K1 Datasheet
80Kb / 4P
   Switching (30V, 1.0A)
logo
Sanyo Semicon Device
SBS814 SANYO-SBS814 Datasheet
37Kb / 4P
   Low VF Schottky Barrier Diode 30V, 1.0A Rectifier
logo
Rohm
2SC5874S ROHM-2SC5874S Datasheet
98Kb / 4P
   Medium power transistor (30V, 1.0A)
2SC5730 ROHM-2SC5730 Datasheet
57Kb / 4P
   Medium power transistor (30V, 1.0A)
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
   1.0A RECTIFIER
DS28002 Rev. E-2
logo
Rohm
2SA2048 ROHM-2SA2048 Datasheet
44Kb / 4P
   Medium power transistor (-30V, -1.0A)
2SA2048K ROHM-2SA2048K Datasheet
43Kb / 4P
   Medium power transistor (-30V, -1.0A)
2SAR293P5 ROHM-2SAR293P5 Datasheet
1Mb / 8P
   Middle Power Transistors (-30V / -1.0A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com