Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N80L-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N80L-TA3-T
Description  4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N80L-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  4N80L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 4N80L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 4N80L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 4N80L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 4N80L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 4N80L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N80
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-505.a
4.0 Amps, 800 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 4N80 is a N-channel mode Power FET. It uses UTC’s
advanced technology to provide costomers planar stripe and DMOS
technology. This technology is specialized in allowing a minimum
on-state resistance, and superior switching performance. It also can
withstand high energy pulse in the avalanche and commutation mode.
The UTC 4N80 is universally applied in high efficiency switch mode
power supply.
FEATURES
* 4.0A, 800V, RDS(on)=3.6Ω @VGS =10V
* High switching speed
* Improved dv/dt capability
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
1
1
TO-220
TO-220F
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
4N80L-TA3-T
4N80G-TA3-T
TO-220
G
D
S
Tube
4N80L-TF3- T
4N80G-TF3- T
TO-220F
G
D
S
Tube
4N80L-TF1- T
4N80G-TF1- T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 4N80L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N80L-TA3-T UTC-4N80L-TA3-T Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
4N80L-TA3-T UTC-4N80L-TA3-T Datasheet
207Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 4N80L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
7N80 UTC-7N80 Datasheet
177Kb / 6P
   7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80 UTC-2N80 Datasheet
170Kb / 6P
   2 Amps, 800 Volts N-CHANNEL POWER MOSFET
1N80 UTC-1N80 Datasheet
163Kb / 6P
   1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
5N80 UTC-5N80 Datasheet
171Kb / 5P
   5 Amps, 800 Volts N-CHANNEL POWER MOSFET
9N80 UTC-9N80 Datasheet
178Kb / 5P
   9 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N80 UTC-6N80 Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80 UTC-3N80 Datasheet
200Kb / 6P
   2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80_1108 UTC-3N80_1108 Datasheet
222Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK3N80P FS-FTK3N80P Datasheet
223Kb / 6P
   3 Amps, 800 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com