Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N60 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 3N60
Description  3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60 Datasheet(HTML) 7 Page - Unisonic Technologies

  3N60 Datasheet HTML 1Page - Unisonic Technologies 3N60 Datasheet HTML 2Page - Unisonic Technologies 3N60 Datasheet HTML 3Page - Unisonic Technologies 3N60 Datasheet HTML 4Page - Unisonic Technologies 3N60 Datasheet HTML 5Page - Unisonic Technologies 3N60 Datasheet HTML 6Page - Unisonic Technologies 3N60 Datasheet HTML 7Page - Unisonic Technologies 3N60 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-110,F
TYPICAL CHARACTERISTICS(Cont.)
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response Curve
Case Temperature, TC ( )
75
100
0
125
50
25
1.0
1.5
2.0
2.5
3.0
Maximum Drain Current vs. Case
Temperature
0.5
150
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
Notes:
1. θJC (t) = 1.18 /W Max.
2. Duty Factor, D=t1/t2
3. TJM-TC=PDM×θJC (t)
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
100
10-1
10-2
Drain-Source Voltage, VDS (V)
102
101
100
103
Safe Operating Area – 600V
for 3N60-A
Safe Operating Area – 650V
for 3N60-B
Notes:
1. TJ=25
2. TJ=150
3. Single Pulse
DC
10ms
1ms
100µs
Operation in This Area is Limited by RDS(on)
101
100
10-1
10-2
Drain-Source Voltage, VDS (V)
102
101
100
103
Notes:
1. TJ=25
2. TJ=150
3. Single Pulse
DC
10ms
1ms
100µs
Operation in This Area is Limited by RDS(on)
101
650
600


Similar Part No. - 3N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
3N60 NELLSEMI-3N60 Datasheet
442Kb / 9P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
3N60 ISC-3N60 Datasheet
49Kb / 2P
   Fast Switching
More results

Similar Description - 3N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60_10 Datasheet
189Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60A UTC-7N60A_09 Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60 Datasheet
211Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com