Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N60G-X-TF1-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3N60G-X-TF1-T
Description  3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60G-X-TF1-T Datasheet(HTML) 2 Page - Unisonic Technologies

  3N60G-X-TF1-T Datasheet HTML 1Page - Unisonic Technologies 3N60G-X-TF1-T Datasheet HTML 2Page - Unisonic Technologies 3N60G-X-TF1-T Datasheet HTML 3Page - Unisonic Technologies 3N60G-X-TF1-T Datasheet HTML 4Page - Unisonic Technologies 3N60G-X-TF1-T Datasheet HTML 5Page - Unisonic Technologies 3N60G-X-TF1-T Datasheet HTML 6Page - Unisonic Technologies 3N60G-X-TF1-T Datasheet HTML 7Page - Unisonic Technologies 3N60G-X-TF1-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-110,F
ABSOLUTE MAXIMUM RATINGS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
3N60-A
600
V
Drain-Source Voltage
3N60-B
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 1)
IAR
3.0
A
Continuous Drain Current
ID
3.0
A
Pulsed Drain Current (Note 1)
IDM
12
A
Single Pulsed (Note 2)
EAS
200
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
7.5
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
TO-220
75
TO-220F/TO-220F1
34
Power Dissipation
TO-251/TO-252
PD
50
W
Junction Temperature
TJ
+150
Operating Temperature
TOPR
-55 ~ +150
Storage Temperature
TSTG
-55 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
TO-220
62.5
TO-220F/TO-220F1
62.5
Junction-to-Ambient
TO-251/TO-252
θJA
110
°C/W
TO-220
1.67
TO-220F/TO-220F1
3.68
Junction-to-Case
TO-251/TO-252
θJC
2.5
°C/W
ELECTRICAL CHARACTERISTICS (TC =25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
3N60-A
600
V
Drain-Source Breakdown Voltage
3N60-B
BVDSS
VGS = 0 V, ID = 250 μA
650
V
Drain-Source Leakage Current
IDSS
VDS = 600 V, VGS = 0 V
10
μA
Forward
VGS = 30 V, VDS = 0 V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30 V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature
Coefficient
BV
DSS/△TJ
ID = 250 μA, Referenced to 25°C
0.6
V/℃
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 1.5A
2.8
3.6
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
350 450
pF
Output Capacitance
COSS
50
65
pF
Reverse Transfer Capacitance
CRSS
VDS = 25 V, VGS = 0 V, f = 1MHz
5.5
7.5
pF


Similar Part No. - 3N60G-X-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60G-TA3-T UTC-3N60G-TA3-T Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
3N60G-TA3-T UTC-3N60G-TA3-T Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
3N60G-TA3-T UTC-3N60G-TA3-T Datasheet
399Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
3N60G-TA3-T VBSEMI-3N60G-TA3-T Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
3N60G-TF1-T UTC-3N60G-TF1-T Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N60G-X-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60_10 Datasheet
189Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60A UTC-7N60A_09 Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60 Datasheet
211Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com