Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB30-102K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RB30-102K-RC
Description  Radial Bobbin Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB30-102K-RC Datasheet(HTML) 1 Page - Allied Components International

  RB30-102K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.960
7.960
7.960
7.960
7.960
2.520
2.520
2.520
2.520
2.520
2.520
2.520
2.520
2.520
2.520
2.520
2.520
2.520
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
RB30-1R0K-RC
RB30-1R5K-RC
RB30-2R2K-RC
RB30-3R3K-RC
RB30-4R7K-RC
RB30-6R8K-RC
RB30-100K-RC
RB30-120K-RC
RB30-150K-RC
RB30-180K-RC
RB30-220K-RC
RB30-270K-RC
RB30-330K-RC
RB30-390K-RC
RB30-470K-RC
RB30-560K-RC
RB30-680K-RC
RB30-820K-RC
RB30-101K-RC
RB30-121K-RC
RB30-151K-RC
RB30-181K-RC
RB30-221K-RC
RB30-271K-RC
RB30-331K-RC
RB30-391K-RC
RB30-471K-RC
RB30-561K-RC
RB30-681K-RC
RB30-821K-RC
RB30-102K-RC
RB30-122K-RC
RB30-152K-RC
RB30-182K-RC
RB30-222K-RC
RB30-272K-RC
RB30-332K-RC
RB30-392K-RC
RB30-472K-RC
1.0
1.5
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
RB30 Radial Bobbin Inductors
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
20
20
20
20
20
20
50
50
40
40
40
30
30
30
30
30
30
30
20
20
20
20
20
20
20
20
20
20
20
20
50
50
20
20
20
20
20
20
20
150
130
100
79
51
29
14
13
12
11
9.2
8.5
7.8
6.9
6.5
5.4
4.9
4.1
3.7
3.4
3.2
2.8
2.7
2.4
2.3
2.1
1.9
1.8
1.6
1.5
1.3
1.1
1.0
1.0
0.9
0.9
0.7
0.6
0.5
.013
.016
.021
.025
.030
.035
.045
.050
.056
.061
.070
.080
.090
.100
.160
.180
.210
.023
.280
.320
.370
.580
.650
.750
.850
1.00
1.10
1.40
1.60
1.80
2.90
4.00
6.10
6.40
6.80
7.70
9.00
14.0
16.0
10.0
8.50
6.50
5.50
4.30
3.70
3.00
2.70
2.30
2.20
2.00
1.70
1.60
1.50
1.40
1.30
1.20
1.10
0.91
0.84
0.75
0.69
0.64
0.57
0.54
0.48
0.46
0.41
0.38
0.35
0.29
0.13
0.08
0.08
0.08
0.08
0.08
0.08
0.05
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Rated
Current
(A)
All specifications subject to change without notice.
22 AWG
Radial leaded pre-tinned leads.
Protected with UL approved
polyolefin shrink tubing.
Non-standard values and tolerances
available.
Features
Electrical
Inductance Range: 1.0µh to 100mh
Physical
Packaging: 100 pieces per bag.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.335
(8.51)
0.197±0.1
(5.00±2.54)
0.197±0.04
(5.00±1.016)
0.433
(11.0)
0.335
(8.51)
Dimensions:
Inches
(mm)
MAX.
MAX.
MAX.
0.252
0.252
0.252
0.079
0.079
0.079
0.079
0.079
0.079
0.079
0.079
0.079
0.079
0.079
0.079
RB30-562K-RC
RB30-682K-RC
RB30-822K-RC
RB30-103K-RC
RB30-123K-RC
RB30-153K-RC
RB30-183K-RC
RB30-223K-RC
RB30-273K-RC
RB30-333K-RC
RB30-393K-RC
RB30-473K-RC
RB30-563K-RC
RB30-683K-RC
RB30-823K-RC
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
20
20
20
40
40
40
30
30
30
30
30
20
20
20
20
0.4
0.4
0.3
0.3
0.3
0.2
0.2
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
18.0
19.0
21.0
25.0
33.0
37.0
40.0
56.0
62.0
70.0
80.0
99.0
135
150
212
0.05
0.05
0.05
0.05
0.04
0.04
0.04
0.03
0.03
0.03
0.03
0.03
0.02
0.02
0.02
0.025
RB30-104K-RC
100000
10
20
0.1
235
0.02
Tolerance: 10% for all values. Tighter
tolerances available.
Test Procedures: L&Q Measured with
HP4342A Q-Meter at specified Frequency.
DCR Measured on CH-301, SRF
Measured on HP-4191A, HP4291B.
Current Rating: Based on Inductance
Drop of < 10% at rated current
Operating Temp: -55ºC to + 125ºC
Marking: EIA Inductance Code
REVISED 05/21/10


Similar Part No. - RB30-102K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB30-102K-RC ALLIED-RB30-102K-RC Datasheet
836Kb / 1P
   Radial Bobbin Inductors
RB30-102K-RC ALLIED-RB30-102K-RC Datasheet
839Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB30-102K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB0810 ALLIED-RB0810 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB0810-100K-RC ALLIED-RB0810-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB20 ALLIED-RB20 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com