Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N80 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3N80
Description  3 Amps, 800 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N80 Datasheet(HTML) 3 Page - Unisonic Technologies

  3N80 Datasheet HTML 1Page - Unisonic Technologies 3N80 Datasheet HTML 2Page - Unisonic Technologies 3N80 Datasheet HTML 3Page - Unisonic Technologies 3N80 Datasheet HTML 4Page - Unisonic Technologies 3N80 Datasheet HTML 5Page - Unisonic Technologies 3N80 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-283.D
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage(Note 1)
VSD
ISD=3A ,VGS=0V
1.6
V
Source-Drain Current
ISD
2.5
A
Source-Drain Current (Pulsed)
ISDM
10
A
Reverse Recovery Current
IRRM
8.4
A
Body Diode Reverse Recovery Time
tRR
384
ns
Body Diode Reverse Recovery Charge
QRR
ISD=3A, di/dt=100A/μs,
VDD=50V, TJ=25°C
1600
nC
Note: 1.Pulse width=300μs, Duty cycle≦1.5%
Note: 2.COSS(EQ) is defined as constant equivalent capacitance giving the same charging time as COSS when VDS
increases from 0to 80% VDSS.


Similar Part No. - 3N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N80 UTC-3N80 Datasheet
200Kb / 6P
   2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80 UTC-3N80 Datasheet
222Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
3N80 NELLSEMI-3N80 Datasheet
398Kb / 8P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
3N80 ISC-3N80 Datasheet
49Kb / 2P
   Fast Switching
3N80-220 ISC-3N80-220 Datasheet
167Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 3N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N80_1108 UTC-3N80_1108 Datasheet
222Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK3N80P FS-FTK3N80P Datasheet
223Kb / 6P
   3 Amps, 800 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
7N80 UTC-7N80 Datasheet
177Kb / 6P
   7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
4N80 UTC-4N80 Datasheet
165Kb / 6P
   4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80 UTC-2N80 Datasheet
170Kb / 6P
   2 Amps, 800 Volts N-CHANNEL POWER MOSFET
1N80 UTC-1N80 Datasheet
163Kb / 6P
   1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
5N80 UTC-5N80 Datasheet
171Kb / 5P
   5 Amps, 800 Volts N-CHANNEL POWER MOSFET
9N80 UTC-9N80 Datasheet
178Kb / 5P
   9 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N80 UTC-6N80 Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80 UTC-3N80 Datasheet
200Kb / 6P
   2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com