Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N80G-TF3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3N80G-TF3-T
Description  3 Amps, 800 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N80G-TF3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  3N80G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 3N80G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 3N80G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 3N80G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 3N80G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 3N80G-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-283.D
TEST CIRCUITS AND WAVEFORMS (Cont.)
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms


Similar Part No. - 3N80G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N80G-TF3-T UTC-3N80G-TF3-T Datasheet
200Kb / 6P
   2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80G-TF3-T UTC-3N80G-TF3-T Datasheet
222Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80G-TF3-T UTC-3N80G-TF3-T Datasheet
260Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 3N80G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N80_1108 UTC-3N80_1108 Datasheet
222Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK3N80P FS-FTK3N80P Datasheet
223Kb / 6P
   3 Amps, 800 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
7N80 UTC-7N80 Datasheet
177Kb / 6P
   7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
4N80 UTC-4N80 Datasheet
165Kb / 6P
   4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80 UTC-2N80 Datasheet
170Kb / 6P
   2 Amps, 800 Volts N-CHANNEL POWER MOSFET
1N80 UTC-1N80 Datasheet
163Kb / 6P
   1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
5N80 UTC-5N80 Datasheet
171Kb / 5P
   5 Amps, 800 Volts N-CHANNEL POWER MOSFET
9N80 UTC-9N80 Datasheet
178Kb / 5P
   9 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N80 UTC-6N80 Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80 UTC-3N80 Datasheet
200Kb / 6P
   2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com