Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N70G-TM3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3N70G-TM3-T
Description  3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N70G-TM3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  3N70G-TM3-T Datasheet HTML 1Page - Unisonic Technologies 3N70G-TM3-T Datasheet HTML 2Page - Unisonic Technologies 3N70G-TM3-T Datasheet HTML 3Page - Unisonic Technologies 3N70G-TM3-T Datasheet HTML 4Page - Unisonic Technologies 3N70G-TM3-T Datasheet HTML 5Page - Unisonic Technologies 3N70G-TM3-T Datasheet HTML 6Page - Unisonic Technologies 3N70G-TM3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3N70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-282,D
ELECTRICAL CHARACTERISTICS(Cont.)
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 3.0 A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
3.0
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
12
A
Reverse Recovery Time
tRR
210
ns
Reverse Recovery Charge
QRR
VGS = 0 V, IS = 3.0 A,
dIF/dt = 100 A/μs (Note 1)
1.2
µC
Notes: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating temperature


Similar Part No. - 3N70G-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N70G-TM3-T UTC-3N70G-TM3-T Datasheet
248Kb / 7P
   3A, 700V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N70G-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
150Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70 UTC-2N70 Datasheet
258Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70L UTC-2N70L Datasheet
181Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
7N70 UTC-7N70_11 Datasheet
376Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
4N70 UTC-4N70 Datasheet
224Kb / 6P
   4 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70K UTC-2N70K Datasheet
266Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com