Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB20-102K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RB20-102K-RC
Description  Radial Bobbin Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB20-102K-RC Datasheet(HTML) 1 Page - Allied Components International

  RB20-102K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RB20-101K-RC
RB20-121K-RC
RB20-151K-RC
RB20-181K-RC
RB20-221K-RC
RB20-271K-RC
RB20-331K-RC
RB20-391K-RC
RB20-471K-RC
RB20-561K-RC
RB20-681K-RC
RB20-821K-RC
RB20-102K-RC
RB20-122K-RC
RB20-152K-RC
RB20-182K-RC
RB20-222K-RC
RB20-272K-RC
RB20-332K-RC
RB20-392K-RC
RB20-472K-RC
RB20-562K-RC
RB20-682K-RC
RB20-822K-RC
RB20-103K-RC
RB20-123K-RC
RB20-153K-RC
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
60
60
60
60
60
60
60
60
60
60
60
60
80
80
80
80
80
80
80
80
80
80
80
80
60
60
60
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.0796
0.0796
0.0796
6.1
5.5
5.0
4.7
4.5
4.1
3.8
3.5
3.2
2.9
2.7
2.3
2.1
1.9
1.8
1.6
1.5
1.4
0.9
0.9
0.8
0.7
0.7
0.6
0.6
0.5
0.5
2.0
3.0
3.0
3.0
3.0
3.0
4.0
4.0
5.0
6.0
6.0
7.0
9.0
9.0
11.0
12.0
14.0
15.0
25.0
30.0
32.0
36.0
40.0
45.0
55.0
65.0
80.0
200
200
200
200
150
150
150
100
100
100
100
50
50
50
50
50
50
50
40
40
40
30
30
30
20
20
20
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Rated
Current
(mA)
All specifications subject to change without notice.
Radial Bobbin Inductors
RB20
22 AWG
Electrical
Inductance Range: 100µh to 15000µh.
Tolerance: 10% over entire inductance
range. Tighter tolerances available.
Physical
Packaging: 100 pieces per box.
Radial leaded pre-tinned leads.
Protected with UL polyolefin shrink
tubing.
Non-standard values and tolerances
available.
Features
0.327
(8.31)
MAX.
0.327
(8.31)
MAX.
0.244
(6.20)
MAX.
0.197±0.04
(5.00±1.02)
0.197±0.01
(5.00±0.25)
Dimensions:
Inches
(mm)
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Inductance Drop: 10% typical at the
rated current.
OperatingTemp: -25ºC to + 105ºC
Marking: EIA Inductance Code.
REVISED 10/13/10


Similar Part No. - RB20-102K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB20-102K-RC ALLIED-RB20-102K-RC Datasheet
781Kb / 1P
   Radial Bobbin Inductors
RB20-102K-RC ALLIED-RB20-102K-RC Datasheet
795Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB20-102K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
   Radial Bobbin Inductors
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB0810 ALLIED-RB0810 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB0810-100K-RC ALLIED-RB0810-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB20 ALLIED-RB20 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com