Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1816G-X-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SD1816G-X-TN3-R
Description  HIGH CURRENT SWITCHIG APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1816G-X-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2SD1816G-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1816G-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1816G-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1816G-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1816G-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SD1816
NPN PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R209-011,C
TYPICAL CHARACTERISTICS


Similar Part No. - 2SD1816G-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1816 SANYO-2SD1816 Datasheet
126Kb / 4P
   High-Current Switching Applications
logo
Unisonic Technologies
2SD1816 UTC-2SD1816 Datasheet
219Kb / 4P
   HIGH CURRENT SWITCHIG APPLICATIONS
logo
Sanyo Semicon Device
2SD1816 SANYO-2SD1816 Datasheet
154Kb / 5P
   High-Current Switching Applications
logo
ON Semiconductor
2SD1816 ONSEMI-2SD1816 Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SD1816 ONSEMI-2SD1816 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SD1816G-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1624 UTC-2SD1624_07 Datasheet
243Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATION
2SD1624 UTC-2SD1624 Datasheet
139Kb / 4P
   HIGH CURRENT SWITCHIG APPLICATION
PZT1816 UTC-PZT1816 Datasheet
254Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATIONS
2SD1816 UTC-2SD1816 Datasheet
219Kb / 4P
   HIGH CURRENT SWITCHIG APPLICATIONS
PZT1816 UTC-PZT1816_15 Datasheet
267Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATIONS
2SB1216 UTC-2SB1216 Datasheet
168Kb / 3P
   HIGH CURRENT SWITCHIG APPLICATIONS
logo
KODENSHI_AUK CORP.
BC808 KODENSHI-BC808 Datasheet
265Kb / 4P
   High current application
SBC338 KODENSHI-SBC338 Datasheet
197Kb / 4P
   High current application
BC807 KODENSHI-BC807 Datasheet
265Kb / 4P
   High current application
BC807F KODENSHI-BC807F Datasheet
274Kb / 4P
   High current application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com