Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1060 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2SD1060
Description  NPN PLANAR SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1060 Datasheet(HTML) 5 Page - Unisonic Technologies

  2SD1060_08 Datasheet HTML 1Page - Unisonic Technologies 2SD1060_08 Datasheet HTML 2Page - Unisonic Technologies 2SD1060_08 Datasheet HTML 3Page - Unisonic Technologies 2SD1060_08 Datasheet HTML 4Page - Unisonic Technologies 2SD1060_08 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SD1060
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R208-023.C
TYPICAL CHARACTERISTICS(Cont.)
ASO
Collector-to-Emitter Voltage, VCE (V)
1.0
0.1
10
2
5
1.0
3
2
57
2
3
5
10
100
23
5
2
7
3
7
5
77
10
0m
s
ICP
IC
(Single pulse with
regard to 1 ~ 100ms)
Transition Frequency vs. Collector Current
Collector Current, IC (A)
0.01
10000
VCE=5V
f=1MHz
TC=25℃
3000
1000
300
100
30
10
3
1
0.03
0.1
0.3
1
3
10
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2SD1060_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1060 SANYO-2SD1060_12 Datasheet
300Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 50V / 5A Switching Applications
logo
Quanzhou Jinmei Electro...
2SD1060 JMNIC-2SD1060_15 Datasheet
133Kb / 4P
   Silicon NPN Power Transistors
2SD1060_2015 JMNIC-2SD1060_2015 Datasheet
133Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1060_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
   NPN Silicon Transistor, Planar Silicon Transistor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
   NPN Silicon Transistor Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
BF370R CDIL-BF370R Datasheet
106Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
CJD86 CDIL-CJD86 Datasheet
143Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
2N917 CDIL-2N917 Datasheet
136Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
Rectron Semiconductor
CMBT9014 RECTRON-CMBT9014 Datasheet
328Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com