Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2655GX-T9N-K Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC2655GX-T9N-K
Description  POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2655GX-T9N-K Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC2655GX-T9N-K Datasheet HTML 1Page - Unisonic Technologies 2SC2655GX-T9N-K Datasheet HTML 2Page - Unisonic Technologies 2SC2655GX-T9N-K Datasheet HTML 3Page - Unisonic Technologies 2SC2655GX-T9N-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC2655
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R211-013,E
TYPICAL CHARACTERISTICS(Cont.)
Ic-VBE
Base -Emitter Voltage, VBE(V)
00.4
0.8
1.2
0
0.5
1.0
1.5
1.6
2.0
Common Emitter
VCE=2 V
VBE(SAT) -Ic
Collector Current, Ic (A)
0.01
0.03
0.1
0.1
0.3
0.5
0.3
1
1
3
Ta=100°С
Ta=25°С
Ta=-55°С
0.05
2.0
Ta=-55°С
Ta=100°С
Ta=25°С
5
Common Emitter
Ic/IB=20
Pc-Ta
Ambient Temperature,
040
80
120
0
200
400
600
160
800
200
Collector-Emitter Voltage, VCE(V)
Safe Operating Area
PT=1s
3
0.2
1
10
0.0
1
0.1
0.0
3
0.05
0.3
Single Nonrepetitive Pulse
0.5
30
100
0.5
1
3
5
1ms*
10ms*
100ms*
1s*
Ic MAX.(PULSED)*
Ta=25°С
Ta=25°С
Curves Must Be Derated Linearly With
Increase In Temperature
DC Operation
240
1000
Ta (°С)
VCEO MAX.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2SC2655GX-T9N-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2655GX-T9N-K UTC-2SC2655GX-T9N-K Datasheet
259Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
More results

Similar Description - 2SC2655GX-T9N-K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
   Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
   Power Amplifier Applications Power Switching Applications
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power switching applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com