Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4800E0000F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PT4800E0000F
Description  Transparent Resin, Medium Directivity Angle, Thin Package Phototransistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT4800E0000F Datasheet(HTML) 7 Page - Sharp Corporation

  PT4800E0000F Datasheet HTML 1Page - Sharp Corporation PT4800E0000F Datasheet HTML 2Page - Sharp Corporation PT4800E0000F Datasheet HTML 3Page - Sharp Corporation PT4800E0000F Datasheet HTML 4Page - Sharp Corporation PT4800E0000F Datasheet HTML 5Page - Sharp Corporation PT4800E0000F Datasheet HTML 6Page - Sharp Corporation PT4800E0000F Datasheet HTML 7Page - Sharp Corporation PT4800E0000F Datasheet HTML 8Page - Sharp Corporation PT4800E0000F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Sheet No.: D1-A02101EN
7
PT4800E0000F
■ Design Notes
1.
This product is not designed to resist electromagnetic and ionized-particle radiation.
■ Manufacturing Guidelines
● Soldering Instructions
1.
Sharp does not recommend soldering this part using preheat or solder reflow methods. Leads on this part are
pre-coated with lead-free solder.
2.
If hand soldering, use temperatures
≤260°C for ≤3 seconds.
3.
When mounting this device, care should be taken to prevent any boundary exfoliation (pad lifting) between the
solder, the pad, and the circuit board.
4.
Do not subject the package to excessive mechanical force during soldering as it may cause deformation or
defects in plated connections. Internal connections may be severed due to mechanical force placed on the pack-
age due to the PCB flexing during the soldering process.
● Cleaning Instructions
1.
Confirm this device's resistance to process chemicals before use, as certain process chemicals may affect the
optical characteristics.
2.
Solvent cleaning: Solvent temperature should be 45°C or below. Immersion time should be 3 minutes or less.
3.
Ultrasonic cleaning: The effect upon devices varies due to cleaning bath size, ultrasonic power output, cleaning
time, PCB size and device mounting circumstances. Sharp recommends testing using actual production condi-
tions to confirm the harmlessness of the ultrasonic cleaning methods.
4.
Recommended solvent materials: Ethyl alcohol, Methyl alcohol, and Isopropyl alcohol.
■ Presence of ODCs (RoHS Compliance)
This product shall not contain the following materials, and they are not used in the production process for this product:
• Regulated substances: CFCs, Halon, Carbon tetrachloride, 1,1,1-Trichloroethane (Methylchloroform). Specific
brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC).
• Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated diphenyl
ethers (PBDE).
• Content information about the six substances specified in “Management Methods for Control of Pollution
Caused by Electronic Information Products Regulation” (Chinese:
)
NOTE:
✓ indicates that the content of the toxic and hazardous substance in all the homogeneous materials of the part is below the concentration limit requirement
as described in SJ/T 11363-2006 standard.
Category
Toxic and Hazdardous Substances
Lead (Pb)
mercury (Hg)
Cadmium (Cd)
Hexavalent
chromiun (Cr6+)
Polybrominated
biphenyls (PBB)
Polybrominated
diphenyl ethers
(PBDE)
Photo Transistor
✓✓✓


Similar Part No. - PT4800E0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4800 SHARP-PT4800 Datasheet
78Kb / 6P
   Thin Type Phototransistor
PT4800F SHARP-PT4800F Datasheet
78Kb / 6P
   Thin Type Phototransistor
PT4800FE000F SHARP-PT4800FE000F Datasheet
965Kb / 9P
   Opaque Resin, Medium Directivity Angle, Thin Package Phototransistor
More results

Similar Description - PT4800E0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4800FE000F SHARP-PT4800FE000F Datasheet
965Kb / 9P
   Opaque Resin, Medium Directivity Angle, Thin Package Phototransistor
PT493FE0000F SHARP-PT493FE0000F Datasheet
801Kb / 8P
   Opaque Resin, Medium Directivity Angle, Long Terminal Darlington Phototransistor
PT481FE0000F SHARP-PT481FE0000F Datasheet
826Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Darlington Phototransistor
PT483F1E000F SHARP-PT483F1E000F Datasheet
789Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Long Terminal Darlington Phototransistor
PT481E00000F SHARP-PT481E00000F Datasheet
816Kb / 9P
   Pale Blue Transparent Resin, Narrow Angle, Darlington Phototransistor
PT100MC0MP SHARP-PT100MC0MP Datasheet
782Kb / 11P
   Surface Mount Type, Transparent Resin Phototransistor
GL390 SHARP-GL390 Datasheet
38Kb / 4P
   Thin Bow Type Resin Mold Package Infrared Emitting Diodes
PT4800 SHARP-PT4800 Datasheet
78Kb / 6P
   Thin Type Phototransistor
logo
Hamamatsu Corporation
S2829 HAMAMATSU-S2829 Datasheet
83Kb / 2P
   Phototransistor Subminiature package phototransistor
logo
AVX Corporation
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com