Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB824G-X-T60-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB824G-X-T60-K
Description  PNP PLANAR SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB824G-X-T60-K Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB824G-X-T60-K Datasheet HTML 1Page - Unisonic Technologies 2SB824G-X-T60-K Datasheet HTML 2Page - Unisonic Technologies 2SB824G-X-T60-K Datasheet HTML 3Page - Unisonic Technologies 2SB824G-X-T60-K Datasheet HTML 4Page - Unisonic Technologies 2SB824G-X-T60-K Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SB824
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-042.B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current
IC
-5
A
Collector Current (Pulse)
ICP
-9
A
SOT-89
500
mW
Collector Dissipation
TO-126
PC
1
W
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-40 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-to-Base Breakdown Voltage
BVCBO
IC =-1mA, IE=0
-60
V
Collector-to-Emitter Breakdown Voltage
BVCEO
IC=-1mA, RBE =∞
-50
V
Emitter-to-Base Breakdown Voltage
BVEBO
IC =0, IE=-1mA
-6
V
Collector Cut-Off Current
ICBO
VCB=-40V, IE=0
-0.1
mA
Emitter Cut-Off Current
IEBO
VEB=-4V, IC=0
-0.1
mA
hFE1
VCE=-2V, IC=-1A
70
360
DC Current Gain
hFE2
VCE=-2V, IC=-3A
30
Gain Bandwidth Product
fT
VCE =-5V, IC =-1A
30
MHZ
Output Capacitance
Cob
VCB =-10V, f=1MHz
100
pF
Collector-to-Emitter Saturation Voltage
VCE(SAT) IC=-3A, IB=-0.3A
-0.4
V
Turn-ON Time
tON
See specified test circuit
0.1
μs
Storage Time
tSTG
See specified test circuit
1.4
μs
Fall Time
tF
See specified test circuit
0.2
μs
CLASSIFICATION of hFE1
RANK
Q
R
S
RANGE
70-140
100-200
180-360


Similar Part No. - 2SB824G-X-T60-K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB824 SANYO-2SB824 Datasheet
113Kb / 4P
   50V/5A Switching Applications
logo
Savantic, Inc.
2SB824 SAVANTIC-2SB824 Datasheet
141Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB824 JMNIC-2SB824 Datasheet
211Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB824 ISC-2SB824 Datasheet
172Kb / 4P
   Silicon PNP Power Transistors
logo
Unisonic Technologies
2SB824 UTC-2SB824 Datasheet
256Kb / 5P
   PNP PLANAR SILICON TRANSISTOR
More results

Similar Description - 2SB824G-X-T60-K

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BD330 SIEMENS-BD330 Datasheet
87Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
BF926 SIEMENS-BF926 Datasheet
31Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
Unisonic Technologies
2SB824 UTC-2SB824_12 Datasheet
256Kb / 5P
   PNP PLANAR SILICON TRANSISTOR
logo
Continental Device Indi...
2N4036 CDIL-2N4036 Datasheet
125Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
2N995 CDIL-2N995 Datasheet
175Kb / 4P
   PNP SILICON PLANAR TRANSISTOR
BCX23 CDIL-BCX23 Datasheet
95Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com