Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM802111 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SM802111
Description  ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802111 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SM802111 Datasheet HTML 1Page - Micrel Semiconductor SM802111 Datasheet HTML 2Page - Micrel Semiconductor SM802111 Datasheet HTML 3Page - Micrel Semiconductor SM802111 Datasheet HTML 4Page - Micrel Semiconductor SM802111 Datasheet HTML 5Page - Micrel Semiconductor SM802111 Datasheet HTML 6Page - Micrel Semiconductor SM802111 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Micrel, Inc.
SM802111
April 2011
2
M9999-041111-A
hbwhelp@micrel.com
Ordering Information
Part Number
Marking
Shipping
Junction Temperature Range
Package
SM802111UMG
802111
Tube
–40° to +85°C
24-Pin QFN
SM802111UMGR
802111
Tape & Reel
–40° to +85°C
24-Pin QFN
Note:
1. Devices are Green, RoHS, and PFOS compliant.
Pin Configuration
24-Pin QFN
(Top View)
Pin Description
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
16, 17
20, 21
/Q0, Q0
/Q1, Q1
O, (DIF)
LVPECL
Differential Clock Output.
1, 18
VDDO
PWR
Power Supply for Clock Output.
2, 22
VSSO
PWR
Power Supply Grounds for Clock Output.
3, 4, 23, 24
NC
No Connect,. Do not connect anything to these pins.
5
PLL_BYPASS
I, (SE)
LVCMOS
PLL Bypass, Selects Output Source
0 = Normal PLL Operation
1 = Output from Input Reference Clock
45KΩ pull-down
7, 10, 11, 12,
15, 19
TEST
Factory Test Pins. Do not connect anything to these pins.
8
VDD
PWR
Core Power Supply.
9
REF_IN
I, (SE)
LVCMOS
Reference Clock Input.
6, 13, 14
VSS
PWR
Core Power Supply Ground.
or (408) 955-1690


Similar Part No. - SM802111

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMG MICREL-SM802110UMG Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMGR MICREL-SM802110UMGR Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802112 MICREL-SM802112 Datasheet
453Kb / 12P
   ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
SM802112UMG MICREL-SM802112UMG Datasheet
453Kb / 12P
   ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
More results

Similar Description - SM802111

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
MX573EBA125M000 MICREL-MX573EBA125M000 Datasheet
1Mb / 4P
   Ultra-low Jitter 125MHz LVPECL XO
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com