Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1700 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SA1700
Description  HIGH VOLTAGE DRIVER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1700 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SA1700_2 Datasheet HTML 1Page - Unisonic Technologies 2SA1700_2 Datasheet HTML 2Page - Unisonic Technologies 2SA1700_2 Datasheet HTML 3Page - Unisonic Technologies 2SA1700_2 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC2SA1700
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R209-009,A
Collector Current,Ic mA
Switch Time -Ic
5
2
Collector Current,Ic- mA
3
5
7
1.0
7
0.1
3 57
-100
23 5 7
-10
23
2
3
5
7
10
5
tstg
ton
tf
ASO
5
2
Collector to Emitter Voltage,VCE-V
3
5
-10
-1.0
35 7
-100
23
5 7
-10
23 5
2
3
5
-100
2
3
5
-1000
Icp
Ic
10ms
100ms
1ms
DC
Ope
ratio
n
(TC
=25
℃)
7
VCE(sat)-Ic
5
2
2
Collector Current,Ic- mA
3
5
7
-1.0
3
5
7
-0.1
Ic/IB=10
-1.0
2 3
57
-100
23
5 7
-10
2
TA=25℃
TA=70℃
7
2
Collector Current,Ic- mA
3
5
7
-1.0
3
5
-1.0 2 3
57
-100
23
5 7
-10
23
7
VBE(sat)-Ic
Ic/IB=10
TA=75℃
TA=-30℃
TA=25℃
TA=-30℃
2
-10
2
-1.0
VCC=-150V
10IB1=-10IB2=IC
Ta=25℃
2
DC
Ope
ratio
n (T
A=2
5 ℃
)
TC=25℃
60
40
20
0
80
140
120
100
8
10
12
Pc -Ta
Ambient Temperature,
6
2
4
0
Ta -
No heat sink
160


Similar Part No. - 2SA1700_2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1700L-X-TM3-T UTC-2SA1700L-X-TM3-T Datasheet
162Kb / 3P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700L-X-TN3-R UTC-2SA1700L-X-TN3-R Datasheet
162Kb / 3P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700L-X-TN3-T UTC-2SA1700L-X-TN3-T Datasheet
162Kb / 3P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_12 Datasheet
162Kb / 3P
   HIGH VOLTAGE DRIVER APPLICATION
More results

Similar Description - 2SA1700_2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1700 UTC-2SA1700_12 Datasheet
162Kb / 3P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_15 Datasheet
185Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_12 Datasheet
193Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_12 Datasheet
210Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
logo
SHIKUES Electronics
2SA1740 SKTECHNOLGY-2SA1740 Datasheet
2Mb / 3P
   High voltage driver application
logo
Unisonic Technologies
2SA1740 UTC-2SA1740_09 Datasheet
160Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700 Datasheet
189Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740 Datasheet
188Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_15 Datasheet
236Kb / 5P
   HIGH VOLTAGE DRIVER APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com