Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT481FE0000F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PT481FE0000F
Description  Opaque Resin, Narrow Directivity Angle, Darlington Phototransistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT481FE0000F Datasheet(HTML) 5 Page - Sharp Corporation

  PT481FE0000F Datasheet HTML 1Page - Sharp Corporation PT481FE0000F Datasheet HTML 2Page - Sharp Corporation PT481FE0000F Datasheet HTML 3Page - Sharp Corporation PT481FE0000F Datasheet HTML 4Page - Sharp Corporation PT481FE0000F Datasheet HTML 5Page - Sharp Corporation PT481FE0000F Datasheet HTML 6Page - Sharp Corporation PT481FE0000F Datasheet HTML 7Page - Sharp Corporation PT481FE0000F Datasheet HTML 8Page - Sharp Corporation PT481FE0000F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Sheet No.: D1-A01401EN
5
PT481FE0000F
Fig. 7 Response Time vs.
Load Resistance
Fig. 8 Test Circuit for Response Time
Fig. 9 Collector-to-Emitter Saturation
Voltage vs. Irradience
10
VCE = 2 V
IC = 10 mA
Ta = 25°C
100
Load resistance RL (W)
1000
10
100
5000
1
1000
tr
tf
td
ts
Output
Output
VCC
RL
Input
tf
tr
td
ts
90%
10%
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
0.005
0.5
1
0.02
Irradiance Ee (mW/cm2)
0.05
0.2
(Ta = 25°C)
Fig. 10 Relative Output vs Distance
Fig. 11 Sensitivity vs. Axis (TYP.)
110
Emitter: GL480E00000F
1
10
100
Distance between emitter and detector (mm)
Angular displacement
θ
-30°
-20°
-10°
+10°
+20°
-40°
-50°
-60°
-70°
-80°
-90°
0
+30°
(Ta = 25°C)
+40°
+50°
+60°
+70°
+80°
+90°
100
80
60
40
20
Graph data is for reference only and is not guaranteed data.


Similar Part No. - PT481FE0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT481F SHARP-PT481F Datasheet
66Kb / 4P
   Narrow Acceptance High Sensitivity Phototransistor
More results

Similar Description - PT481FE0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT483F1E000F SHARP-PT483F1E000F Datasheet
789Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Long Terminal Darlington Phototransistor
PT493FE0000F SHARP-PT493FE0000F Datasheet
801Kb / 8P
   Opaque Resin, Medium Directivity Angle, Long Terminal Darlington Phototransistor
PT4800FE000F SHARP-PT4800FE000F Datasheet
965Kb / 9P
   Opaque Resin, Medium Directivity Angle, Thin Package Phototransistor
PT481E00000F SHARP-PT481E00000F Datasheet
816Kb / 9P
   Pale Blue Transparent Resin, Narrow Angle, Darlington Phototransistor
PT4800E0000F SHARP-PT4800E0000F Datasheet
982Kb / 9P
   Transparent Resin, Medium Directivity Angle, Thin Package Phototransistor
PT100MF0MP SHARP-PT100MF0MP Datasheet
822Kb / 11P
   Surface Mount Type, Opaque Resin Phototransistor
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
   narrow directivity
logo
Sanken electric
SEL2015 SANKEN-SEL2015 Datasheet
26Kb / 1P
   3phi Round Narrow-directivity LED
SEL1015 SANKEN-SEL1015 Datasheet
24Kb / 1P
   5f Round Narrow-directivity LED
logo
Rohm
SML-S1 ROHM-SML-S1 Datasheet
1Mb / 9P
   Narrow directivity and high brightness
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com