Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT100MC0MP1 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PT100MC0MP1
Description  Surface Mount Type, Transparent Resin Phototransistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT100MC0MP1 Datasheet(HTML) 1 Page - Sharp Corporation

  PT100MC0MP1 Datasheet HTML 1Page - Sharp Corporation PT100MC0MP1 Datasheet HTML 2Page - Sharp Corporation PT100MC0MP1 Datasheet HTML 3Page - Sharp Corporation PT100MC0MP1 Datasheet HTML 4Page - Sharp Corporation PT100MC0MP1 Datasheet HTML 5Page - Sharp Corporation PT100MC0MP1 Datasheet HTML 6Page - Sharp Corporation PT100MC0MP1 Datasheet HTML 7Page - Sharp Corporation PT100MC0MP1 Datasheet HTML 8Page - Sharp Corporation PT100MC0MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Sheet No.: D1-A01701EN
Date: November 30, 2007
©SHARP Corporation
PT100MC0MPx
PT100MC0MPx
Surface Mount Type, Transparent
Resin Phototransistor
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
■ Features
1.
Compact and thin SMD package
2.
Top view and side view mountable
3.
Plastic mold with transparent resin lens
4.
Peak sensitivity wavelength: 900 nm TYP.
5.
Narrow directivity angle (
Δθ: ±15° TYP.)
6.
Lead free and RoHS directive compliant
■ Model Line-up
■ Agency Approvals/Compliance
1.
Compliant with RoHS directive (2002/95/EC)
2.
Content information about the six substances
specified in “Management Methods for Control of
Pollution Caused by Electronic Information Prod-
ucts Regulation” (popular name: China RoHS)
(Chinese:
);
refer to page 7.
■ Applications
1.
Office automation equipment
2.
Audio visual equipment
3.
Home appliances
4.
Telecommunication equipment
5.
Measuring equipment
6.
Tooling machines/Factory automation
7.
Touch Panels
Model No.
Packaging
Mount Direction
PT100MC0MP
2000 pcs/reel
Side view
PT100MC0MP1
1500 pcs/reel
Top view


Similar Part No. - PT100MC0MP1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT100MF0MP SHARP-PT100MF0MP Datasheet
822Kb / 11P
   Surface Mount Type, Opaque Resin Phototransistor
PT100MF0MP1 SHARP-PT100MF0MP1 Datasheet
822Kb / 11P
   Surface Mount Type, Opaque Resin Phototransistor
PT100MF1MP1 SHARP-PT100MF1MP1 Datasheet
396Kb / 10P
   Phototransistor
More results

Similar Description - PT100MC0MP1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD100MC0MP SHARP-PD100MC0MP Datasheet
519Kb / 10P
   Surface Mount Type, Transparent Resin Photodiode
PT100MF0MP SHARP-PT100MF0MP Datasheet
822Kb / 11P
   Surface Mount Type, Opaque Resin Phototransistor
logo
Rohm
RPM-075PT ROHM-RPM-075PT Datasheet
70Kb / 2P
   Phototransistor, surface mount type
RPM-075PTT86 ROHM-RPM-075PTT86 Datasheet
70Kb / 2P
   Phototransistor, surface mount type
logo
Sharp Corporation
PT481E00000F SHARP-PT481E00000F Datasheet
816Kb / 9P
   Pale Blue Transparent Resin, Narrow Angle, Darlington Phototransistor
PT4800E0000F SHARP-PT4800E0000F Datasheet
982Kb / 9P
   Transparent Resin, Medium Directivity Angle, Thin Package Phototransistor
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
logo
List of Unclassifed Man...
PS1102HA ETC-PS1102HA Datasheet
166Kb / 10P
   Surface Mount Phototransistor/2125 Type
logo
Sharp Corporation
PD100MF0MP SHARP-PD100MF0MP Datasheet
519Kb / 10P
   Surface Mount Type, Opaque Resin Photodiode
logo
STANLEY ELECTRIC CO.,LT...
PS1102FA STANLEY-PS1102FA Datasheet
186Kb / 10P
   Surface Mount Phototransistor/Right Angle Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com