Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MABA-007493-CF4160 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part No. MABA-007493-CF4160
Description  4:1 Flux Coupled Step-up Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-007493-CF4160 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MABA-007493-CF4160 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-007493-CF4160 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-007493-CF4160 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
4:1 Flux Coupled Step-up Transformer
1-350MHz
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev: V1P
MABA-007493-CF4160
Amplitude Unbalance
Phase Balance
Typical Performance Curves: TA = 25°C, Z0 = 50Ω
Insertion Loss
-1.6
-1.3
-1.0
-0.6
-0.3
0.0
1
71
141
210
280
350
Frequency (MHz)
170
176
182
188
1
71
141
210
280
350
Frequency (MHz)
-0.04
0.01
0.06
0.11
0.16
0.21
1
71
141
210
280
350
Frequency (MHz)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn