Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MABA-007327-CT1A40_V2 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part No. MABA-007327-CT1A40_V2
Description  Transformer, 1:1 Transmission Line Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MABA-007327-CT1A40_V2 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Transformer, 1:1 Transmission Line Transformer
4.5 to 3000 MHz
Rev. V2
MABA-007327-CT1A40
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, 0dBm, Z0 = 75Ω, Pin = 0dBm
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss 1
4.5 - 1000MHz
1000 - 2000MHz
2000 - 3000 MHz
dB
dB
dB
-
-
-
0.8
1.6
2.5
1.0
2.0
3.5
Amplitude Balance (Nominal 0dB)
4.5 - 3000 MHz
dB
-
±0.50
±1.0
Phase Balance (Nominal 180º)
4.5 - 3000 MHz
º
-
±10.0
±20.0
Recommended Maximum Ratings
Application Circuit
Parameter
Value
Input power
At least 250mW
DC current
At least 30mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +100°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn