Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8841 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # KSZ8841
Description  Single-Port Ethernet MAC Controller with Non-PCI Interface
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8841 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button KSZ8841_11 Datasheet HTML 9Page - Micrel Semiconductor KSZ8841_11 Datasheet HTML 10Page - Micrel Semiconductor KSZ8841_11 Datasheet HTML 11Page - Micrel Semiconductor KSZ8841_11 Datasheet HTML 12Page - Micrel Semiconductor KSZ8841_11 Datasheet HTML 13Page - Micrel Semiconductor KSZ8841_11 Datasheet HTML 14Page - Micrel Semiconductor KSZ8841_11 Datasheet HTML 15Page - Micrel Semiconductor KSZ8841_11 Datasheet HTML 16Page - Micrel Semiconductor KSZ8841_11 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
Micrel, Inc.
KSZ8841-16/32 MQL/MVL/MBL
October 2007
13
M9999-102207-1.6
Pin Number
Pin Name
Type
Pin Function
15
SRDYN
Opu
Synchronous Ready Not
Ready signal to interface with synchronous bus for both EISA-like and VLBus-like extend
accesses.
For VLBus-like mode, the falling edge of this signal indicates ready. This signal is
synchronous to the bus clock signal BCLK.
For burst mode (32-bit interface only), the KSZ8841M drives this pin low to signal wait
states.
16
INTRN
Opd
Interrupt
Active Low signal to host CPU to indicate an interrupt status bit is set, this pin need an
external 4.7K pull-up resistor.
17
LDEVN
Opd
Local Device Not
Active Low output signal, asserted when AEN is Low and A15-A4 decode to the
KSZ8841M address programmed into the high byte of the base address register. LDEVN
is a combinational decode of the Address and AEN signal.
18
RDN
Ipd
Read Strobe Not
Asynchronous read strobe, active Low.
19
EECS
Opu
EEPROM Chip Select
This signal is used to select an external EEPROM device.
20
ARDY
Opd
Asynchronous Ready
ARDY may be used when interfacing asynchronous buses to extend bus access cycles. It
is asynchronous to the host CPU or bus clock. this pin need an external 4.7K pull-up
resistor.
21
CYCLEN
Ipd
Cycle Not
For VLBus-like mode cycle signal; this pin follows the addressing cycle to signal the
command cycle.
For burst mode (32-bit interface only), this pin stays High for read cycles and Low for write
cycles.
22
NC
Opd
No Connect
23
DGND
Gnd
Digital IO ground
24
VDDCO
P
1.2V digital core voltage output (internal 1.2V LDO power supply output), this 1.2V output
pin provides power to VDDC, VDDA and VDDAP pins. It is recommended this pin should
be connected to 3.3V power rail by a 100 ohm resistor for the internal LDO application
Note: Internally generated power voltage. Do not connect an external power supply to this
pin. This pin is used for connecting external filter (Ferrite bead and capacitors).
25
VLBUSN
Ipd
VLBus-like Mode
Pull-down or float: Bus interface is configured for synchronous mode.
Pull-up: Bus interface is configured for 8-bit or 16-bit asynchronous mode or EISA-like
burst mode.
26
EEEN
Ipd
EEPROM Enable
EEPROM is enabled and connected when this pin is pull-up.
EEPROM is disabled when this pin is pull-down or no connect.
27
P1LED3
Opd
Port 1 LED indicator
See the description in pins 3, 4, and 5.
28
EEDO
Opd
EEPROM Data Out
This pin is connected to DI input of the serial EEPROM.
29
EESK
Opd
EEPROM Serial Clock
A 4
µs (OBCR[1:0]=11 on-chip bus speed @ 25 MHz) or 800 ns (OBCR[1:0]=00 on-chip
bus speed @ 125 MHz) serial output clock cycle to load configuration data from the serial
EEPROM.


Similar Part No. - KSZ8841_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8841-16 MICREL-KSZ8841-16 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8841-16MBL MICREL-KSZ8841-16MBL Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16MBL-EVAl MICREL-KSZ8841-16MBL-EVAl Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16MBLI MICREL-KSZ8841-16MBLI Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
More results

Similar Description - KSZ8841_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8841-16 MICREL-KSZ8841-16_08 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
550Kb / 2P
   Single-Port Ethernet MAC Controller with PCI Interface
logo
Microchip Technology
KSZ8841-PMQL MICROCHIP-KSZ8841-PMQL Datasheet
1Mb / 72P
   Single-Port Ethernet MAC Controller with PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8851MQL MICREL-KSZ8851MQL Datasheet
59Kb / 2P
   Single Port MAC/PHY Controller with Non PCI Interface
logo
Microchip Technology
KSZ8851-16MLL MICROCHIP-KSZ8851-16MLL Datasheet
1Mb / 85P
   Single-Port Ethernet MAC Controller with 8-Bitor 16-Bit Non-PCI Interface
11/07/16
logo
Micrel Semiconductor
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
171Kb / 2P
   Ethernet MAC Controller with PCI Interface
KSZ8841 MICREL-KSZ8841 Datasheet
167Kb / 2P
   Ethernet MAC Controller with PCI Interface
KSZ8851-16MLLI MICREL-KSZ8851-16MLLI Datasheet
1Mb / 84P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MLLJ MICREL-KSZ8851-16MLLJ_10 Datasheet
517Kb / 90P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com