Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MAI Datasheet(PDF) 34 Page - Micrel Semiconductor

Part # KS8995MAI
Description  Integrated 5-Port 10/100 Managed Switch
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MAI Datasheet(HTML) 34 Page - Micrel Semiconductor

Back Button KS8995MAI Datasheet HTML 30Page - Micrel Semiconductor KS8995MAI Datasheet HTML 31Page - Micrel Semiconductor KS8995MAI Datasheet HTML 32Page - Micrel Semiconductor KS8995MAI Datasheet HTML 33Page - Micrel Semiconductor KS8995MAI Datasheet HTML 34Page - Micrel Semiconductor KS8995MAI Datasheet HTML 35Page - Micrel Semiconductor KS8995MAI Datasheet HTML 36Page - Micrel Semiconductor KS8995MAI Datasheet HTML 37Page - Micrel Semiconductor KS8995MAI Datasheet HTML 38Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
Micrel, Inc.
KS8995MA/FQ
Semptember 2008
34
M9999-091508
Port Mirroring Support
KS8995MA/FQ supports “port mirror” comprehensively as:
1. “Receive Only” mirror on a port. All the packets received on the port will be mirrored on the sniffer port. For
example, port 1 is programmed to be “rx sniff,” and port 5 is programmed to be the “sniffer port.” A packet,
received on port 1, is destined to port 4 after the internal look-up. The KS8995MA/FQ will forward the packet to
both port 4 and port 5. KS8995MA/FQ can optionally forward even “bad” received packets to port 5.
2. “Transmit Only” mirror on a port. All the packets transmitted on the port will be mirrored on the sniffer port. For
example, port 1 is programmed to be “tx sniff,” and port 5 is programmed to be the “sniffer port.” A packet,
received on any of the ports, is destined to port 1 after the internal look-up. The KS8995MA/FQ will forward the
packet to both ports 1 and 5.
3. “Receive and Transmit” mirror on two ports. All the packets received on port A AND transmitted on port B will
be mirrored on the sniffer port. To turn on the “AND” feature, set Register 5 bit 0 to 1. For example, port 1 is
programmed to be “rx sniff,” port 2 is programmed to be “transmit sniff,” and port 5 is programmed to be the
“sniffer port.” A packet, received on port 1, is destined to port 4 after the internal look-up. The KS8995MA/FQ
will forward the packet to port 4 only, since it does not meet the “AND” condition. A packet, received on port 1,
is destined to port 2 after the internal look-up. The KS8995MA/FQ will forward the packet to both port 2 and
port 5.
Multiple ports can be selected to be “rx sniffed” or “tx sniffed.” And any port can be selected to be the “sniffer port.”
All these per port features can be selected through Register 17.
VLAN Support
KS8995MA/FQ supports 16 active VLANs out of 4096 possible VLANs specified in IEEE 802.1q. KS8995MA/FQ
provides a 16-entry VLAN table, which converts VID (12 bits) to FID (4 bits) for address look-up. If a non-tagged or
null-VID-tagged packet is received, the ingress port VID is used for look-up. In the VLAN mode, the look-up process
starts with VLAN table look-up to determine whether the VID is valid. If the VID is not valid, the packet will be
dropped and its address will not be learned. If the VID is valid, FID is retrieved for further look-up. FID+DA is used to
determine the destination port. FID+SA is used for learning purposes.
DA found in
Static MAC table
USE FID
Flag?
FID Match?
DA+FID found in
Dynamic MAC table
Action
No
Don’t care
Don’t care
No
Broadcast to the membership ports defined in
the VLAN table bit [20:16].
No
Don’t care
Don’t care
Yes
Send to the destination port defined in the
dynamic MAC table bit [54:52].
Yes
0
Don’t care
Don’t care
Send to the destination port(s) defined in the
static MAC table bit [52:48].
Yes
1
No
No
Broadcast to the membership ports defined in
the VLAN table bit [20:16].
Yes
1
No
Yes
Send to the destination port defined in the
dynamic MAC table bit [54:52].
Yes
1
Yes
Don’t care
Send to the destination port(s) defined in the
static MAC table bit [52:48].
Table 7. FID+DA Look-Up in the VLAN Mode


Similar Part No. - KS8995MAI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MAI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com