Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MAI Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # KS8995MAI
Description  Integrated 5-Port 10/100 Managed Switch
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MAI Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button KS8995MAI Datasheet HTML 13Page - Micrel Semiconductor KS8995MAI Datasheet HTML 14Page - Micrel Semiconductor KS8995MAI Datasheet HTML 15Page - Micrel Semiconductor KS8995MAI Datasheet HTML 16Page - Micrel Semiconductor KS8995MAI Datasheet HTML 17Page - Micrel Semiconductor KS8995MAI Datasheet HTML 18Page - Micrel Semiconductor KS8995MAI Datasheet HTML 19Page - Micrel Semiconductor KS8995MAI Datasheet HTML 20Page - Micrel Semiconductor KS8995MAI Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
Micrel, Inc.
KS8995MA/FQ
Semptember 2008
17
M9999-091508
Pin Description (by Name)
Pin Number
Pin Name
Type
(1)
Port
Pin Function
39
FXSD4
I
4
Fiber signal detect/Factory test pin.
38
FXSD3/FXSD5
I
3/5
Fiber signal detect/Factory test pin for FQ or MA
124
GNDA
Gnd
Analog ground.
42
GNDA
Gnd
Analog ground.
44
GNDA
Gnd
Analog ground.
2
GNDA
Gnd
Analog ground.
16
GNDA
Gnd
Analog ground.
30
GNDA
Gnd
Analog ground.
6
GNDA
Gnd
Analog ground.
12
GNDA
Gnd
Analog ground.
21
GNDA
Gnd
Analog ground.
27
GNDA
Gnd
Analog ground.
34
GNDA
Gnd
Analog ground.
40
GNDA
Gnd
Analog ground.
120
NC
NC
No connect.
127
GNDA
Gnd
Analog ground.
126
GNDA
Gnd
Analog ground.
49
GNDD
Gnd
Digital ground.
88
GNDD
Gnd
Digital ground.
116
GNDD
Gnd
Digital ground.
58
GNDD
Gnd
Digital ground.
76
GNDD
Gnd
Digital ground.
99
GNDD
Gnd
Digital ground.
17
ISET
Set physical transmit output current. Pull-down with a 3.01kΩ1%
resistor.
106
LED1-0
Ipu/O
1
LED indicator 0.
105
LED1-1
Ipu/O
1
LED indicator 1.
104
LED1-2
Ipu/O
1
LED indicator 2.
103
LED2-0
Ipu/O
2
LED indicator 0.
102
LED2-1
Ipu/O
2
LED indicator 1.
101
LED2-2
Ipu/O
2
LED indicator 2.
98
LED3-0
Ipu/O
3
LED indicator 0.
Notes:
1.
P = Power supply.
I = Input.
O = Output.
I/O = Bidirectional.
Gnd = Ground.
Ipu = Input w/internal pull-up.
Ipd = Input w/internal pull-down.
Ipd/O = Input w/internal pull-down during reset, output pin otherwise.
Ipu/O = Input w/internal pull-up during reset, output pin otherwise.
NC = No connect.


Similar Part No. - KS8995MAI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MAI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com