Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MA Datasheet(PDF) 44 Page - Micrel Semiconductor

Part # KS8995MA
Description  Integrated 5-Port 10/100 Managed Switch
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MA Datasheet(HTML) 44 Page - Micrel Semiconductor

Back Button KS8995MA Datasheet HTML 40Page - Micrel Semiconductor KS8995MA Datasheet HTML 41Page - Micrel Semiconductor KS8995MA Datasheet HTML 42Page - Micrel Semiconductor KS8995MA Datasheet HTML 43Page - Micrel Semiconductor KS8995MA Datasheet HTML 44Page - Micrel Semiconductor KS8995MA Datasheet HTML 45Page - Micrel Semiconductor KS8995MA Datasheet HTML 46Page - Micrel Semiconductor KS8995MA Datasheet HTML 47Page - Micrel Semiconductor KS8995MA Datasheet HTML 48Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
Micrel, Inc.
KS8995MA/FQ
Semptember 2008
44
M9999-091508
Address
Name
Description
Mode
Default
5
IEEE 802.3x Transmit
Flow Control Disable
0, will enable transmit flow control based on AN result.
1, will not enable transmit flow control regardless of
AN result.
R/W
Pin PMRXD3
strap option.
Pull-down(0):
Enable Tx flow
control. Pull-up(1):
Disable Tx/Rx flow
control.
Note: PMRXD3
has internal pull-
down.
4
IEEE 802.3x Receive
Flow Control Disable
0, will enable receive flow control based on AN result.
1, will not enable receive flow control regardless of
AN result.
Note: Bit 5 and bit 4 default values are controlled by
the same pin, but they can be programmed
independently.
R/W
Pin PMRXD3
strap
option. Pull-down
(0): Enable Rx
flow
control. Pull-up
(1):
Disable Tx/Rx flow
control.
Note: PMRXD3
has internal pull-
down.
3
Frame Length Field Check
1, will check frame length field in the IEEE packets
If the actual length does not match, the packet will be
dropped (for L/T <1500) .
R/W
0
2
Aging Enable
1, Enable age function in the chip.
0, Disable aging function.
R/W
Pin LED[5][2]
strap option. Pull-
down (0): Aging
disable Pull-up
(1): Aging enable.
Note: LED[5][2]
has internal pull
up.
1
fast age Enable
1 = Turn on fast age (800µs).
R/W
0
0
Aggressive Back Off Enable
1 = Enable more aggressive back-off algorithm in half
duplex mode to enhance performance. This is not an
IEEE standard.
R/W
Pin PMRXD0
strap option. Pull-
down (0): Disable
aggressive back
off. Pull-up (1):
Aggressive back
off. Note:
PMRXD0 has
internal pull down.
Register 4 (0x04): Global Control 2
7
Unicast Port-VLAN
Mismatch Discard
This feature is used for port VLAN (described in Register
17, Register 33...). 1, all packets can not cross VLAN
boundary. 0, unicast packets (excluding unknown/
multicast/broadcast) can cross VLAN boundary.
R/W
1
6
Multicast Storm Protection
Disable
1, “Broadcast Storm Protection” does not include
multicast packets. Only DA=FFFFFFFFFFFF packets will
be regulated.
0, “Broadcast Storm Protection” includes DA =
FFFFFFFFFFFF and DA[40] = 1 packets.
R/W
1
5
Back Pressure Mode
1, carrier sense based backpressure is selected.
0, collision based backpressure is selected.
R/W
1


Similar Part No. - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com