Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MA Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # KS8995MA
Description  Integrated 5-Port 10/100 Managed Switch
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MA Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button KS8995MA Datasheet HTML 24Page - Micrel Semiconductor KS8995MA Datasheet HTML 25Page - Micrel Semiconductor KS8995MA Datasheet HTML 26Page - Micrel Semiconductor KS8995MA Datasheet HTML 27Page - Micrel Semiconductor KS8995MA Datasheet HTML 28Page - Micrel Semiconductor KS8995MA Datasheet HTML 29Page - Micrel Semiconductor KS8995MA Datasheet HTML 30Page - Micrel Semiconductor KS8995MA Datasheet HTML 31Page - Micrel Semiconductor KS8995MA Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
Micrel, Inc.
KS8995MA/FQ
Semptember 2008
28
M9999-091508
Half-Duplex Back Pressure
The KS8995MA/FQ also provides a half-duplex back pressure option (note: this is not in IEEE 802.3 standards). The
activation and deactivation conditions are the same as the ones given for full-duplex mode. If back pressure is
required, the KS8995MA/FQ sends preambles to defer the other station's transmission (carrier sense deference). To
avoid jabber and excessive deference as defined in IEEE 802.3 standard, after a certain period of time, the
KS8995MA/FQ discontinues carrier sense but raises it quickly after it drops packets to inhibit other transmissions.
This short silent time (no carrier sense) is to prevent other stations from sending out packets and keeps other
stations in a carrier sense deferred state. If the port has packets to send during a back pressure situation, the carrier-
sense-type back pressure is interrupted and those packets are transmitted instead. If there areno more packets to
send, carrier-sense-type back pressure becomes active again until switch resources are free. If a collisionoccurs, the
binary exponential backoff algorithm is skipped and carrier sense is generated immediately, reducing the chanceof
further colliding and maintaining carrier sense to prevent reception of packets.To ensure no packet loss in 10BASE-T
or 100BASE-TX half-duplex modes, the user must enable the following:
Aggressive backoff (Register 3, bit 0)
No excessive collision drop (Register 4, bit 3)
Back pressure (Register 4, bit 5)
These bits are not set as the default because this is not the IEEE standard.
Broadcast Storm Protection
The KS8995MA/FQ has an intelligent option to protect the switch system from receiving too many broadcast packets.
Broadcastpackets are normally forwarded to all ports except the source port and thus use too many switch resources
(bandwidth andavailable space in transmit queues). The KS8995MA/FQ has the option to include “multicast packets”
for storm control. Thebroadcast storm rate parameters are programmed globally and can be enabled or disabled on a
per port basis. The rate is basedon a 50ms interval for 100BT and a 500ms interval for 10BT. At the beginning of
each interval, the counter is cleared to zeroand the rate limit mechanism starts to count the number of bytes during
the interval. The rate definition is described in Registers6 and 7. The default setting for Registers 6 and 7 is 0x4A (74
decimal). This is equal to a rate of 1%, calculated as follows:
148,800 frames/sec ¥ 50ms/interval ¥ 1% = 74 frames/interval (approx.) = 0x4A


Similar Part No. - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com