Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MA Datasheet(PDF) 76 Page - Micrel Semiconductor

Part # KS8995MA
Description  Integrated 5-Port 10/100 Managed Switch
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MA Datasheet(HTML) 76 Page - Micrel Semiconductor

Back Button KS8995MA Datasheet HTML 71Page - Micrel Semiconductor KS8995MA Datasheet HTML 72Page - Micrel Semiconductor KS8995MA Datasheet HTML 73Page - Micrel Semiconductor KS8995MA Datasheet HTML 74Page - Micrel Semiconductor KS8995MA Datasheet HTML 75Page - Micrel Semiconductor KS8995MA Datasheet HTML 76Page - Micrel Semiconductor KS8995MA Datasheet HTML 77Page - Micrel Semiconductor KS8995MA Datasheet HTML 78Page - Micrel Semiconductor KS8995MA Datasheet HTML 79Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
Micrel, Inc.
KS8995MA/FQ
Semptember 2008
76
M9999-091508
Reset Circuit Diagram
Micrel recommends the following discrete reset circuit as shown in Figure 22 when powering up the KS8895MA device.
For the application where the reset circuit signal comes from another device (e.g., CPU, FPGA, etc), we recommend
the reset circuit as shown in Figure 23.
VCC
R
10k
C
10µF
D1
KS8995MA
RST
D1: 1N4148
Figure 22. Recommended Reset Circuit
VCC
R
10k
D2
C
10µF
D1
CPU/FPGA
RST_OUT_n
KS8995MA
RST
D1, D2: 1N4148
Figure 23. Recommended Circuit for Interfacing with CPU/FPGA Reset
At power-on-reset, R, C, and D1 provide the necessary ramp rise time to reset the Micrel device. The reset out from
CPU/FPGA provides warm reset after power up. It is also recommended to power up the VDD core voltage earlier than
VDDIO voltage. At worst case, the both VDD core and VDDIO voltages should come up at the same time.


Similar Part No. - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com