Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8993M Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # KS8993M
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button KS8993M_11 Datasheet HTML 15Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 16Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 17Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 18Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 19Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 20Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 21Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 22Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 23Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
Micrel, Inc.
KSZ8993M/ML
October 2008
19
M9999-020606
Pin Number
Pin Name
Type
(1)
Description
121
P1_TAGINS
Ipd
Enable tag insertion on port 1 egress
1 = enable
0 = disable
All packets transmitted from port 1 will have 802.1Q tag.
Packets received with tag will be sent out intact. Packets
received without tag will be tagged with ingress port’s default
tag.
122
DGND
Gnd
Digital ground
123
VDDC
P
1.8V digital VDD
124
P3_TAGRM
Ipd
Enable tag removal on port 3 egress
1 = enable
0 = disable
All packets transmitted from port 3 will not have 802.1Q tag.
Packets received with tag will be modified by removing
802.1Q tag. Packets received without tag will be sent out
intact.
125
P2_TAGRM
Ipd
Enable tag removal on port 2 egress
1 = enable
0 = disable
All packets transmitted from port 2 will not have 802.1Q tag.
Packets received with tag will be modified by removing
802.1Q tag. Packets received without tag will be sent out
intact.
126
P1_TAGRM
Ipd
Enable tag removal on port 1 egress
1 = enable
0 = disable
All packets transmitted from port 1 will not have 802.1Q tag.
Packets received with tag will be modified by removing
802.1Q tag. Packets received without tag will be sent out
intact.
127
TESTEN
Ipd
Scan Test Enable
For normal operation, pull-down this pin to ground.
128
SCANEN
Ipd
Scan Test Scan Mux Enable
For normal operation, pull-down this pin to ground.
Note:
1. P = Power supply.
Gnd = Ground.
Ipd = Input w/ internal pull-down.


Similar Part No. - KS8993M_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993MI MICREL-KS8993MI Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KS8993ML MICREL-KS8993ML Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
More results

Similar Description - KS8993M_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com