Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8993M Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # KS8993M
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button KS8993M_11 Datasheet HTML 13Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 14Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 15Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 16Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 17Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 18Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 19Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 20Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
Micrel, Inc.
KSZ8993M/ML
October 2008
17
M9999-020606
Pin Number
Pin Name
Type
(1)
Description
104
105
PV21
PV23
Ipu
Ipu
Port 2 port-based VLAN mask bits – Use to select which
ports may transmit packets received on port 2.
PV21 = 1, port 1 may transmit packets received on port 2
PV21 = 0, port 1 will not transmit any packets received on
port 2
PV23 = 1, port 3 may transmit packets received on port 2
PV23 = 0, port 3 will not transmit any packets received on
port 2
106
DGND
Gnd
Digital ground
107
VDDIO
P
3.3V digital VDD
108
109
PV12
PV13
Ipu
Ipu
Port 1 port-based VLAN mask bits – Use to select which
ports may transmit packets received on port 1.
PV12 = 1, port 2 may transmit packets received on port 1
PV12 = 0, port 2 will not transmit any packets received on
port 1
PV13 = 1, port 3 may transmit packets received on port 1
PV13 = 0, port 3 will not transmit any packets received on
port 1
110
P3_1PEN
Ipd
Enable 802.1p priority classification on port 3 ingress
1 = enable
0 = disable
Enable is from the receive perspective. If 802.1p processing
is disabled or there is no tag, priority is determined by the
P3_PP pin.
111
P2_1PEN
Ipd
Enable 802.1p priority classification on port 2 ingress
1 = enable
0 = disable
Enable is from the receive perspective. If 802.1p processing
is disabled or there is no tag, priority is determined by the
P2_PP pin.
112
P1_1PEN
Ipd
Enable 802.1p priority classification on port 1 ingress
1 = enable
0 = disable
Enable is from the receive perspective. If 802.1p processing
is disabled or there is no tag, priority is determined by the
P1_PP pin.
113
P3_TXQ2
Ipd
Select transmit queue split on port 3
1 = split
0 = no split
The split sets up high and low priority queues. Packet priority
classification is done on ingress ports, via port-based, 802.1p
or TOS based scheme. The priority enabled queuing on port 3
is set by P3_TXQ2.
Note:
1. P = Power supply.
Gnd = Ground.
Ipu = Input w/ internal pull-up.
Ipd = Input w/ internal pull-down.


Similar Part No. - KS8993M_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993MI MICREL-KS8993MI Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KS8993ML MICREL-KS8993ML Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
More results

Similar Description - KS8993M_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com