Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8993F Datasheet(PDF) 96 Page - Micrel Semiconductor

Part # KS8993F
Description  Single Chip Fast Ethernet Media Converter with TS-1000 OAM
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993F Datasheet(HTML) 96 Page - Micrel Semiconductor

Back Button KS8993F Datasheet HTML 92Page - Micrel Semiconductor KS8993F Datasheet HTML 93Page - Micrel Semiconductor KS8993F Datasheet HTML 94Page - Micrel Semiconductor KS8993F Datasheet HTML 95Page - Micrel Semiconductor KS8993F Datasheet HTML 96Page - Micrel Semiconductor KS8993F Datasheet HTML 97Page - Micrel Semiconductor KS8993F Datasheet HTML 98Page - Micrel Semiconductor KS8993F Datasheet HTML 99Page - Micrel Semiconductor KS8993F Datasheet HTML 100Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
Micrel, Inc.
KS8993F/FL
June 2009
96
M9999-062509
hbwhelp@micrel.com or (408) 955-1690
6.3.5
Auto Negotiation Timing
Figure 23: Auto Negotiation Timing
t
PW
min.
typ.
max.
t
BTB
FLP burst to FLP burst
8ms
16ms
24ms
t
FLPW
FLP burst width
2ms
t
PW
Clock/Data pulse width
100ns
t
CTD
Clock pulse to data pulse
55.5us
64us
69.5us
t
CTC
Clock pulse to clock pulse
111us
128us
139us
Number of Clock/Data pulses per burst
17
33
TX+/TX-
Clock
Pulse
Data
Pulse
Clock
Pulse
t
PW
t
CTD
t
CTC
t
FLPW
t
BTB
TX+/TX-
Data
Pulse
FLP
Burst
FLP
Burst


Similar Part No. - KS8993F

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993 MICREL-KS8993 Datasheet
225Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993 Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993 Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993I MICREL-KS8993I Datasheet
225Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
More results

Similar Description - KS8993F

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1286880000 WEIDMULLER-1286880000 Datasheet
244Kb / 4P
   Industrial Fast Ethernet media converter
1286890000 WEIDMULLER-1286890000 Datasheet
243Kb / 4P
   Industrial Fast Ethernet media converter
1286900000 WEIDMULLER-1286900000 Datasheet
243Kb / 4P
   Industrial Fast Ethernet media converter
logo
Advantech Co., Ltd.
856-15410 ADVANTECH-856-15410 Datasheet
536Kb / 2P
   10/100/1000 Mbps Ethernet Media Converter
logo
Level One
IEC-4000 LVL1-IEC-4000 Datasheet
506Kb / 3P
   Industrial Fast Ethernet mini Media Converter
IEC-4002 LVL1-IEC-4002 Datasheet
515Kb / 3P
   Industrial Fast Ethernet Mini Media Converter
IEC-4301 LVL1-IEC-4301 Datasheet
515Kb / 3P
   Industrial Fast Ethernet Mini Media Converter
FVS-GVS-3800 LVL1-FVS-GVS-3800 Datasheet
1Mb / 3P
   Ethernet Media Converter
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
   100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
List of Unclassifed Man...
DM9301 ETC-DM9301 Datasheet
125Kb / 22P
   100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com