Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8695P Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # KS8695P
Description  Integrated Multi-Port PCI Gateway Solution
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8695P Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button KS8695P_11 Datasheet HTML 26Page - Micrel Semiconductor KS8695P_11 Datasheet HTML 27Page - Micrel Semiconductor KS8695P_11 Datasheet HTML 28Page - Micrel Semiconductor KS8695P_11 Datasheet HTML 29Page - Micrel Semiconductor KS8695P_11 Datasheet HTML 30Page - Micrel Semiconductor KS8695P_11 Datasheet HTML 31Page - Micrel Semiconductor KS8695P_11 Datasheet HTML 32Page - Micrel Semiconductor KS8695P_11 Datasheet HTML 33Page - Micrel Semiconductor KS8695P_11 Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Micrel, Inc.
KS8695P
May 2006
30
M9999-051806
General Purpose I/O Pins (continued)
Pin
Name
I/O Type
(1)
Description
D1
PCLKOUT3
O
PCI clock output 3. In host bridge mode driven as 33MHz
In guest bridge mode, this signal is reserved
C1
PCLKOUT2
O
PCI clock output 2. In host bridge mode driven as 33MHz
In guest bridge mode, this signal is reserved
B1
PCLKOUT1
O
PCI clock output 1. In host bridge mode driven as 33MHz
In guest bridge mode, this signal is reserved
A2
PCLKOUT0
O
PCI clock output 0. In host bridge mode driven as 33MHz
In guest bridge mode, this signal is reserved
B10
CLKRUNN
I/O
This is a cardbus only signal. The CLKRUNN signal is used by portable cardbus
devices to request that the system turn on the bus clock. Output is always active in
cardbus and miniPCI modes.
D2
MPCIACTN
O
MiniPCI active. This signal is asserted by the PCI device to indicate that its current
function requires full system performance. MPCIACTN is an open drain output
signal. In miniPCI mode, this signal is always low.
D3
PBMS
I
PCI bridge mode select. This selects the operating mode for the PCI bridge. When
PBMS is high, the host bridge mode is selected and the on-chip PCI bus arbiter is
enabled. When PBMS is low, the guest bridge mode is selected and the on-chip
arbiter is disabled.
Advanced Memory Interface (SDRAM/ROM/FLASH/SRAM/EXTERNAL I/O)
Pin
Name
I/O Type
(1)
Description
T7
SDICLK
I
SDRAM Clock In: SDRAM clock input for the SDRAM memory controller interface.
U7
SDOCLK
O
System/SDRAM Clock Out: Output of the internal system clock, it is also used as
the clock signal for SDRAM interface.
P4
ADDR21/BA1
O
Address Bit 21/Bank Address Input 1: Address bit 21 for asynchronous accesses.
Bank Address Input bit 1 for SDRAM accesses.
P3
ADDR20/BA0
O
Address Bit 20/Bank Address Input 0: Address bit 20 for asynchronous accesses.
Bank Address Input bit 0 for SDRAM accesses.
M3
M2
M1
N4
N3
N2
N1
P2
P1
R3
R2
R1
T2
T1
U1
U2
T3
U3
T4
U4
ADDR[19]
ADDR[18]
ADDR[17]
ADDR[16]
ADDR[15]
ADDR[14]
ADDR[13]
ADDR[12]
ADDR[11]
ADDR[10]
ADDR[9]
ADDR[8]
ADDR[7]
ADDR[6]
ADDR[5]
ADDR[4]
ADDR[3]
ADDR[2]
ADDR[1]
ADDR[0]
O
Address Bus: The 22-bit address bus (including ADDR[21:20] above) covers 4M
word memory space shared by ROM/SRAM/FLASH, SDRAM, and external I/O
banks. During the SDRAM cycles, the internal address bus is used to generate RAS
and CAS addresses for the SDRAM. The number of column address bits in the
SDRAM banks can be programmed from 8 to 11 bits via the SDRAM control
registers. ADDR[12:0] are the SDRAM address and ADDR[21:20] are the SDRAM
bank address. During other cycles, the ADDR[21:0] is the byte address of the data
transfer. For SDRAM and FLASH/ROM/SRAM, connect all address lines, i.e. A0 to
A0, A1 to A1, etc. The memory controller automatically handles address line
adjustments for the 8/16/32 bit accesses. For external I/O devices, the user needs
to connect address lines for 8/16/32 bit accesses.
Note
:
1. I = Input.
O = Output.
I/O = Bidirectional.


Similar Part No. - KS8695P_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
KS8695PX MICREL-KS8695PX Datasheet
1Mb / 40P
   Integrated Multi-Port PCI Gateway Solution
More results

Similar Description - KS8695P_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
   Integrated Multi-Port PCI Gateway Solution
KS8695X MICREL-KS8695X_11 Datasheet
344Kb / 39P
   Integrated Multi-Port High-Performance Gateway Solution Rev. 1.03
KS8695 MICREL-KS8695 Datasheet
160Kb / 4P
   CENTAUR Integrated Multi-Port Gateway Solutions
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
KS8695X MICREL-KS8695X Datasheet
264Kb / 39P
   Integrated Multi-Port High-Performance Gateway Solutions
logo
Advantech Co., Ltd.
968SPUSTL0 ADVANTECH-968SPUSTL0 Datasheet
1,015Kb / 2P
   Multi-solution integrated platform:
logo
List of Unclassifed Man...
88E6218 ETC2-88E6218 Datasheet
323Kb / 2P
   Link Street Integrated Gateway Router with Multi-Port QoS Switch
logo
NXP Semiconductors
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
   Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
logo
PLX Technology
OXPCIE200 PLX-OXPCIE200 Datasheet
158Kb / 2P
   PCI Express multi-port bridge
logo
Analog Devices
ADSP-21MOD970-110 AD-ADSP-21MOD970-110 Datasheet
80Kb / 6P
   Multiport Internet Gateway Processor Solution
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com