Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE275-501N16A Datasheet(PDF) 2 Page - IXYS Corporation

Part # DE275-501N16A
Description  RF Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DE275-501N16A Datasheet(HTML) 2 Page - IXYS Corporation

  DE275-501N16A Datasheet HTML 1Page - IXYS Corporation DE275-501N16A Datasheet HTML 2Page - IXYS Corporation DE275-501N16A Datasheet HTML 3Page - IXYS Corporation DE275-501N16A Datasheet HTML 4Page - IXYS Corporation DE275-501N16A Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DE275-501N16A
RF Power MOSFET
Symbol
Test Conditions
Characteristic Values
(TJ = 25°C unless otherwise specified)
min.
typ.
max.
RG
0.3
Ciss
1650
pF
Coss
VGS = 0 V, VDS = 0.8 VDSS(max),
f = 1 MHz
122
pF
Crss
33
pF
Td(on)
3
ns
Ton
VGS = 15 V, VDS = 0.8 VDSS
ID = 0.5 IDM
RG = 0.2 Ω (External)
2
ns
Td(off)
4
ns
Toff
5
ns
Qg
50
nC
Qgs
VGS = 10 V, VDS = 0.5 VDSS
ID = 0.5 ID25
12
nC
Qgd
24
nC
Cstray
Back Metal to any Pin
21
pF
Source-Drain Diode
Characteristic Values
(TJ = 25°C unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
IS
VGS = 0 V
6
A
ISM
Repetitive; pulse width limited by TJM
98
A
VSD
1.5
V
Trr
200
ns
IF = IS, VGS = 0 V,
Pulse test, t ≤ 300 µs, duty cycle ≤ 2%
QRM
IF = IS, -di/dt = 100A/µs,
VR = 100V
0.6
µC
IRM
4
A
IXYS RF reserves the right to change limits, test conditions and dimensions.
IXYS RF MOSFETS are covered by one or more of the following U.S. patents:
4,835,592
4,860,072
4,881,106
4,891,686
4,931,844
5,017,508
5,034,796
5,049,961
5,063,307
5,187,117
5,237,481
5,486,715
5,381,025
5,640,045
For detailed device mounting and installation instructions, see the “Device Installation & Mounting Instructions” technical
note on the IXYSRF web site at;
http://www.ixysrf.com/pdf/switch_mode/appnotes/7de_series_mosfet_installation_instructions.pdf


Similar Part No. - DE275-501N16A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DE275-501N16A IXYS-DE275-501N16A Datasheet
76Kb / 3P
   RF Power MOSFET
More results

Similar Description - DE275-501N16A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
IXYS Corporation
IXZ210N50L IXYS-IXZ210N50L_07 Datasheet
326Kb / 9P
   RF Power MOSFET
logo
Advanced Power Technolo...
ARF1518 ADPOW-ARF1518 Datasheet
100Kb / 3P
   RF POWER MOSFET
logo
IXYS Corporation
DE275X2-501N16A IXYS-DE275X2-501N16A Datasheet
175Kb / 4P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
   RF Power MOSFET
IXZ12210N50L IXYS-IXZ12210N50L Datasheet
304Kb / 4P
   RF Power MOSFET
DE150-102N02A IXYS-DE150-102N02A Datasheet
168Kb / 4P
   RF Power MOSFET
IXZH10N50LA IXYS-IXZH10N50LA Datasheet
266Kb / 9P
   RF Power MOSFET
logo
Advanced Semiconductor
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
   RF POWER MOSFET
BLF245 ASI-BLF245 Datasheet
21Kb / 1P
   RF POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com