Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8725S Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX8725S
Description  ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8725S Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX8725S Datasheet HTML 6Page - Semtech Corporation SX8725S Datasheet HTML 7Page - Semtech Corporation SX8725S Datasheet HTML 8Page - Semtech Corporation SX8725S Datasheet HTML 9Page - Semtech Corporation SX8725S Datasheet HTML 10Page - Semtech Corporation SX8725S Datasheet HTML 11Page - Semtech Corporation SX8725S Datasheet HTML 12Page - Semtech Corporation SX8725S Datasheet HTML 13Page - Semtech Corporation SX8725S Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
www.semtech.com
Page 10
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8725S
ZoomingADC for sensing data acquisition
Revision 1.0
February 2011
© Semtech
2.1.2 SPI interface timings
2.1.3 SPI timing diagram
Parameter
Symbol
Min
Typ
Max
Units
SS to SCLK Edge
tSSSC
30
ns
SCLK Period
tSC
500
ns
SCLK Low Pulse width
tSCL
200
ns
SCLK High Pulse width
tSCH
200
ns
Data Output Valid after SCLK Edge
tDV
125
200
ns
Data Input Setup Time before SCLK Edge
tDS
0ns
Data Input Hold Time after SCLK Edge
tDH
100
250
ns
SS High after SCLK Edge
tSCSS
0ns
SS High to MISO High Impedance
tSSD
30
ns
Figure 3. SPI timing diagram
tSCH
tSCL
tSC
MOSI
MISO
SCLK
SS
tSSSC
tSCSS
tDS
tDH
tDV
tSSD


Similar Part No. - SX8725S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8725 SEMTECH-SX8725 Datasheet
3Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
SX8725C SEMTECH-SX8725C Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8725CWLTDT SEMTECH-SX8725CWLTDT Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8725E083TDT SEMTECH-SX8725E083TDT Datasheet
3Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
SX8725E083TRT SEMTECH-SX8725E083TRT Datasheet
3Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
More results

Similar Description - SX8725S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8724CEVK SEMTECH-SX8724CEVK Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724S SEMTECH-SX8724S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition
SX8725C SEMTECH-SX8725C Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723C SEMTECH-SX8723C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
logo
List of Unclassifed Man...
RF64 ETC2-RF64 Datasheet
2Mb / 76P
   ADVANCED COMMUNICATIONS & SENSING
logo
Semtech Corporation
SX1509BIULTRT SEMTECH-SX1509BIULTRT Datasheet
1Mb / 37P
   ADVANCED COMMUNICATIONS & SENSING
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
SX8724 SEMTECH-SX8724 Datasheet
3Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com