Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4524C Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC4524C
Description  28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524C Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC4524C Datasheet HTML 11Page - Semtech Corporation SC4524C Datasheet HTML 12Page - Semtech Corporation SC4524C Datasheet HTML 13Page - Semtech Corporation SC4524C Datasheet HTML 14Page - Semtech Corporation SC4524C Datasheet HTML 15Page - Semtech Corporation SC4524C Datasheet HTML 16Page - Semtech Corporation SC4524C Datasheet HTML 17Page - Semtech Corporation SC4524C Datasheet HTML 18Page - Semtech Corporation SC4524C Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SC4524C
15
switching time of the NPN transistor (see Table 4).
Table 4. Typical switching time
In addition, the quiescent current loss is
(11)
The total power loss of the SC4524C is therefore
(12)
The temperature rise of the SC4524C is the product of the
total power dissipation (Equation (12)) and q
JA (36
o
C/W),
which is the thermal impedance from junction to ambient
for the SOIC-8 EDP package.
It is not recommended to operate the SC4524C above
125oC junction temperature. In the applications with high
input voltage and high output current, the switching
frequency may need to be reduced to meet the thermal
requirement.
O
CESAT
C
I
V
D
P
=
40
I
V
D
P
O
BST
BST
=
DC
2
O
IND
R
I
)
3
.
1
~
1
.
1
(
P
=
O
D
D
I
V
)
D
1
(
P
=
SW
O
IN
S
SW
F
I
V
t
2
1
P
=
Q
BST
SW
C
TOTAL
P
P
P
P
P
+
+
+
=
mA
2
V
P
IN
Q
=
O
CESAT
C
I
V
D
P
=
40
I
V
D
P
O
BST
BST
=
DC
2
O
IND
R
I
)
3
.
1
~
1
.
1
(
P
=
O
D
D
I
V
)
D
1
(
P
=
SW
O
IN
S
SW
F
I
V
t
2
1
P
=
Q
BST
SW
C
TOTAL
P
P
P
P
P
+
+
+
=
mA
2
V
P
IN
Q
=
O
CESAT
C
I
V
D
P
=
40
I
V
D
P
O
BST
BST
=
DC
2
O
IND
R
I
)
3
.
1
~
1
.
1
(
P
=
O
D
D
I
V
)
D
1
(
P
=
SW
O
IN
S
SW
F
I
V
t
2
1
P
=
Q
BST
SW
C
TOTAL
P
P
P
P
P
+
+
+
=
mA
2
V
P
IN
Q
=
O
CESAT
C
I
V
D
P
=
40
I
V
D
P
O
BST
BST
=
DC
2
O
IND
R
I
)
3
.
1
~
1
.
1
(
P
=
O
D
D
I
V
)
D
1
(
P
=
SW
O
IN
S
SW
F
I
V
t
2
1
P
=
Q
BST
SW
C
TOTAL
P
P
P
P
P
+
+
+
=
mA
2
V
P
IN
Q
=
PCB Layout Considerations
In a step-down switching regulator, the input bypass
capacitor, the main power switch and the freewheeling
diode carry pulse current (Figure 9). For jitter-free
operation,thesizeoftheloopformedbythesecomponents
should be minimized. Since the power switch is already
integrated within the SC4524C, connecting the anode of
the freewheeling diode close to the negative terminal of
the input bypass capacitor minimizes size of the switched
current loop. The input bypass capacitor should be placed
close to the IN pin. Shortening the traces of the SW and
BST nodes reduces the parasitic trace inductance at these
nodes. This not only reduces EMI but also decreases
switching voltage spikes at these nodes.
The exposed pad should be soldered to a large ground
plane as the ground copper acts as a heat sink for the
device. To ensure proper adhesion to the ground plane,
avoid using vias directly under the device.
Figure 9. Heavy lines indicate the critical pulse
current loop. The stray inductance of this
loop should be minimized.
12
12
Fig.9
Vout
Vin
+
+
Currents in Power Section
IN
V
OUT
V
L
Z
12
12
Fig.9
Vout
Vin
+
+
Currents in Power Section
IN
V
OUT
V
L
Z
1A
2A
12V
12.5ns
15.3ns
24V
22ns
25ns
28V
25.3ns
28ns
Load Current
Input Voltage


Similar Part No. - SC4524C

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
   28V 2A Step-Down Switching Regulator
More results

Similar Description - SC4524C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
   28V 2A Step-Down Switching Regulator
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
   28V 2A Step-Down Switching Regulator
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A Datasheet
740Kb / 18P
   28V 2A Step-Down Switching Regulator
SC4524E SEMTECH-SC4524E Datasheet
869Kb / 23P
   28V 2A Step-Down Switching Regulator
SC4525A SEMTECH-SC4525A Datasheet
780Kb / 19P
   28V 3A Step-Down Switching Regulator
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
   28V 3A Step-Down Switching Regulator
SC4525E SEMTECH-SC4525E Datasheet
941Kb / 23P
   28V 3A Step-Down Switching Regulator
logo
Monolithic Power System...
MP2905 MPS-MP2905 Datasheet
538Kb / 16P
   3V-28V Input, Hysteretic Synchronous Step-Down Controller
logo
Maxim Integrated Produc...
MAX8576 MAXIM-MAX8576 Datasheet
493Kb / 18P
   3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers
Rev 1; 6/05
logo
Semtech Corporation
SC4525C SEMTECH-SC4525C Datasheet
742Kb / 21P
   28V 3A Step-Down Switching Regulator Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com