Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-HGE36A-AV-TRB Datasheet(PDF) 5 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HGE36A-AV-TRB
Description  Automotive : Dashboards, stop lamps, turn signals
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HGE36A-AV-TRB Datasheet(HTML) 5 Page - BRIGHT LED ELECTRONICS CORP

  BL-HGE36A-AV-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HGE36A-AV-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HGE36A-AV-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HGE36A-AV-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HGE36A-AV-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HGE36A-AV-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HGE36A-AV-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image

























  
SINCE 1981

  "." 4
  

 
 
 

    
 
   
 !  "#$
"%&##' 
(#")!(
*
+,!
#'
+,!+'#&-
,
 
   
"./
0+"1212
(#"3!(
*
+,!
#' 
, 
 
   
+,!"./
(#")!(
*
4&'
(

#'
, 
   
"/
(#")!(
*
#'
-5,
 
 
 
   $3
6.6.6.
##   #   #
(#"-5
*
!#5!7 
 
 
/ 6./
#  #
(#"-5
*
48#5
(
5&
0((
 $
 
   $
9!,
 3) !#'(:
!,
;<:=) !(&(:;<:=
*



 =31 0/ /;;"3/ ;/ / "."


 
  
  
> &85,
?;?=
"#$
8%<:
08('
;'$=
?"?
8%<
'#'((-
8;#&=
"#$
5 @:

 A  :%#(!'5# ( &!((:  #(585':
:('#(!55B7B !'(& !((!8B'&
#5#B&( #5 !(:


   


Similar Part No. - BL-HGE36A-AV-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HGE36A-AV-TRB AMERICANBRIGHT-BL-HGE36A-AV-TRB Datasheet
306Kb / 7P
   Top Emitting SMT LED Components
Ver.1.0
More results

Similar Description - BL-HGE36A-AV-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HB533-TRE BRIGHT-BL-HB533-TRE Datasheet
229Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HUB33-TRE BRIGHT-BL-HUB33-TRE Datasheet
229Kb / 8P
   Automotive: Dashboards, stop lamps, turn signals.
BL-HUBB533B-TRB BRIGHT-BL-HUBB533B-TRB Datasheet
276Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HG033-AV-TRB BRIGHT-BL-HG033-AV-TRB Datasheet
235Kb / 7P
   Automotive : Dashboards, stop lamps, turn signals
BL-HUB36G-AV-TRB BRIGHT-BL-HUB36G-AV-TRB Datasheet
227Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals
BZ-HB533-AV-TRB BRIGHT-BZ-HB533-AV-TRB Datasheet
226Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals
BL-HGK33-AV-TRB BRIGHT-BL-HGK33-AV-TRB Datasheet
271Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HUB36A-AV-TRB BRIGHT-BL-HUB36A-AV-TRB Datasheet
251Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HJE36A-AV-TR BRIGHT-BL-HJE36A-AV-TR Datasheet
232Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HS135A-AV-TRB BRIGHT-BL-HS135A-AV-TRB Datasheet
216Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HUB36G-AV-TR BRIGHT-BL-HUB36G-AV-TR Datasheet
227Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com