Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC355NJ0000F Datasheet(PDF) 11 Page - Sharp Corporation

Part # PC355NJ0000F
Description  Mini-flat Package, Darlington Phototransistor Output Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC355NJ0000F Datasheet(HTML) 11 Page - Sharp Corporation

Back Button PC355NJ0000F Datasheet HTML 6Page - Sharp Corporation PC355NJ0000F Datasheet HTML 7Page - Sharp Corporation PC355NJ0000F Datasheet HTML 8Page - Sharp Corporation PC355NJ0000F Datasheet HTML 9Page - Sharp Corporation PC355NJ0000F Datasheet HTML 10Page - Sharp Corporation PC355NJ0000F Datasheet HTML 11Page - Sharp Corporation PC355NJ0000F Datasheet HTML 12Page - Sharp Corporation PC355NJ0000F Datasheet HTML 13Page - Sharp Corporation PC355NJ0000F Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Sheet No.: D2-A00802EN
Solvent cleaning:
Solvent temperature should be 45˚C or below Immersion time should be 3 minutes or less
Ultrasonic cleaning:
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials:
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol
In case the other type of solvent materials are intended to be used, please make sure they work fine in
actual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this product.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC).
•Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated
diphenyl ethers (PBDE).
● Presence of ODC
11
PC355NJ0000F Series


Similar Part No. - PC355NJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355N SHARP-PC355N Datasheet
226Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC355NT SHARP-PC355NT Datasheet
54Kb / 5P
   Mini-Flat Package, High Sensitivity Photocoupler
More results

Similar Description - PC355NJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355N SHARP-PC355N Datasheet
226Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC3H5J00000F SHARP-PC3H5J00000F Datasheet
185Kb / 12P
   Mini-flat Half Pitch Package, Darlington Phototransistor Output Photocoupler
PC365N SHARP-PC365N Datasheet
194Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC365NJ0000F SHARP-PC365NJ0000F Datasheet
233Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC3H510NIP0F SHARP-PC3H510NIP0F Datasheet
187Kb / 12P
   Mini-flat Half Pitch Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
   Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
   Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
logo
COSMO Electronics Corp...
KPC357NT COSMO-KPC357NT_16 Datasheet
334Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC354NT COSMO-KPC354NT_15 Datasheet
223Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
logo
Vishay Siliconix
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.5, 20-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com