Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4P7461F-1072T Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P7461F-1072T
Description  Non Magnetic SMQ MELF PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P7461F-1072T Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4P7461F-1072T_2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P7461F-1072T_2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P7461F-1072T_2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P7461F-1072T_2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P7461F-1072T_2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P7461F-1072T_2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Non Magnetic SMQ MELF PIN Diode
V3
MA4P7461F-1072T
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
4
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under
development. Performance is based on engineering tests. Specifications are typical. Mechanical
outline has been fixed. Engineering samples and/or test data may be available. Commitment to
produce in volume is not guaranteed.
MA 4P7461F-1072T C t vs Vo ltag e
0. 10
1. 00
0.1 0
1. 00
10.00
100.00
Vo lta g e ( V )
Ct_1500 MHz
Typical Electrical Performance @+25°C


Similar Part No. - MA4P7461F-1072T_2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P7461F-1072T MACOM-MA4P7461F-1072T Datasheet
143Kb / 6P
   Non Magnetic SMQ HIPAX PIN Diode
logo
M/A-COM Technology Solu...
MA4P7461F-1072T MA-COM-MA4P7461F-1072T Datasheet
125Kb / 5P
   Packaged PIN Diodes RoHs Compliant
More results

Similar Description - MA4P7461F-1072T_2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P7441F-1091T MA-COM-MA4P7441F-1091T_2 Datasheet
212Kb / 6P
   Non Magnetic SMQ MELF PIN Diode
MA4P7464F-1072T MA-COM-MA4P7464F-1072T_1 Datasheet
118Kb / 6P
   Non Magnetic SMQ MELF PIN Diode
MA4P7446F-1091T MA-COM-MA4P7446F-1091T_2 Datasheet
144Kb / 6P
   Non Magnetic SMQ MELF PIN Diode
MA4P7452F-1072T MA-COM-MA4P7452F-1072T_2 Datasheet
132Kb / 6P
   Non Magnetic SMQ MELF PIN Diode
MA4P7418-1072T MA-COM-MA4P7418-1072T Datasheet
896Kb / 6P
   SMQ MELF PIN Diode
MADP-011034-10720T MA-COM-MADP-011034-10720T_15 Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
logo
Tyco Electronics
MA4P7470-1072T MACOM-MA4P7470-1072T Datasheet
118Kb / 6P
   Non Magnetic MELF PIN Diode
logo
M/A-COM Technology Solu...
MA4P7435NM-1091T MA-COM-MA4P7435NM-1091T Datasheet
104Kb / 4P
   Non Magnetic MELF PIN Diode
MADP-000404-10720T MA-COM-MADP-000404-10720T_15 Datasheet
150Kb / 3P
   Non Magnetic MELF PIN Diode
MADP-011034-10720T MA-COM-MADP-011034-10720T Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com