Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8A1215ETC Datasheet(PDF) 39 Page - Samsung semiconductor

Part # K8A1215ETC
Description  512Mb C-die NOR FLASH
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K8A1215ETC Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button K8A1215ETC Datasheet HTML 35Page - Samsung semiconductor K8A1215ETC Datasheet HTML 36Page - Samsung semiconductor K8A1215ETC Datasheet HTML 37Page - Samsung semiconductor K8A1215ETC Datasheet HTML 38Page - Samsung semiconductor K8A1215ETC Datasheet HTML 39Page - Samsung semiconductor K8A1215ETC Datasheet HTML 40Page - Samsung semiconductor K8A1215ETC Datasheet HTML 41Page - Samsung semiconductor K8A1215ETC Datasheet HTML 42Page - Samsung semiconductor K8A1215ETC Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
- 39 -
K8A12(13)15ET(B/Z)C
datasheet NOR FLASH MEMORY
Rev. 1.1
18.3 Erase/Program Operation
NOTE :
1) Not 100% tested.
2) Internal programming algorithm is optimized for Buffer Program, so Normal word programming or Single word Buffer Program use Buffer Program algorithm.
3) Typical 512-word Buffer Program time pays due regard to that Each program data pattern ("11", "10". "01", "00") has a same portion in 512-word Buffer.
Parameter
Symbol
All Speed Option
Unit
Min
Typ
Max
WE Cycle Time1)
tWC
75
-
-
ns
Address Setup Time
tAS
0-
-
ns
Address Hold Time
tAH
30
-
-
ns
Data Setup Time
tDS
30
-
-
ns
Data Hold Time
tDH
0-
-
ns
Read Recovery Time Before Write
tGHWL
0-
-
ns
CE Setup Time
tCS
0-
-
ns
CE Hold Time
tCH
0-
-
ns
WE Pulse Width
tWP
30
-
-
ns
WE Pulse Width High
tWPH
45
-
-
ns
Latency Between Read and Write Operations
tSR/W
0-
-
ns
Word Programming Operation 2)
tPGM
-80
-
μs
Single word Buffer Program 2)
tPGM_BP
-
250
-
μs
512-word Buffer Program 3)
tPGM_BP
-
716.8
-
μs
Accelerated Programming Operation
tACCPGM
-80
-
μs
Accelerated Single word Buffer Program
tACCPGM_BP
-0.7
-
μs
Accelerated 512-word Buffer Program 3)
tACCPGM_BP
-
358.4
-
μs
Block Erase Operation (64KW block)
tBERS
-0.6
-
sec
VPP Rise and Fall Time
tVPP
500
-
-
ns
VPP Setup Time
(During Accelerated Programming)
tVPS
1-
-
μs


Similar Part No. - K8A1215ETC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
logo
Toshiba Semiconductor
K8A500 TOSHIBA-K8A500 Datasheet
187Kb / 6P
   Switching Regulator Applications
K8A50D TOSHIBA-K8A50D Datasheet
187Kb / 6P
   Switching Regulator Applications
K8A55DA TOSHIBA-K8A55DA Datasheet
297Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSⅦ)
2013-11-01
logo
Samsung semiconductor
K8A56ETC SAMSUNG-K8A56ETC Datasheet
1Mb / 64P
   256Mb C-die NOR FLASH
More results

Similar Description - K8A1215ETC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8S1215ETC SAMSUNG-K8S1215ETC Datasheet
1Mb / 83P
   512Mb C-die NOR FLASH
K8P2815UQC SAMSUNG-K8P2815UQC Datasheet
1Mb / 62P
   128Mb C-die NOR FLASH
K8S5615ETC SAMSUNG-K8S5615ETC Datasheet
1Mb / 65P
   256Mb C-die NOR Flash
K8A56ETC SAMSUNG-K8A56ETC Datasheet
1Mb / 64P
   256Mb C-die NOR FLASH
K8P2716UZC SAMSUNG-K8P2716UZC Datasheet
1Mb / 56P
   128Mb C-die Page NOR Flash
K4T51083QC SAMSUNG-K4T51083QC Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
K8P5516UZB SAMSUNG-K8P5516UZB Datasheet
1Mb / 59P
   256Mb B-die NOR FLASH
K8S2815ETE SAMSUNG-K8S2815ETE Datasheet
1Mb / 55P
   128Mb E-die NOR FLASH
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com