Electronic Components Datasheet Search |
|
AL-103IR-850-30C Datasheet(PDF) 2 Page - A-BRIGHT Inc |
|
AL-103IR-850-30C Datasheet(HTML) 2 Page - A-BRIGHT Inc |
2 / 5 page A A A---B B BR R RIIIG G GH H HT TT A-BRIGHT INDUSTRIAL CO., LTD. Part No. AL-103IR-850-30C Diff No. 002 10 mm Round Type : LED Lamps 2 Chip PART NO. Material Emitted Color Lens Color AL-103IR-850-30C GaAlAs Infrared Water Clear ■ Absolute Maximum Ratings at Ta=25℃ Parameter Symbol Rating Unit Forward Current IF 50 mA Operating Temperature Topr -40 to +85 ℃ Storage Temperature Tstg -40 to +85 ℃ Soldering Temperature Tsol 260 ± 5 ℃ Power Dissipation PD 180 mW Peak Forward Current (Duty 1/10@1KHz) IF (Peak) 1 A Reverse Voltage VR 5 V ■ Electronic Optical Characteristics︰ Parameter Symbol Min. Typ. Max. Unit Condition Radiated Output Power PO / 80 / mW/sr IF=50mA Viewing Angle 2θ1/2 / 30 / deg IF=50mA Peak Wavelength λ p / 850 / nm IF=50mA Spectrum Radiation Bandwidth △λ / 30 / nm IF=50mA Forward Voltage VF / 1.5 1.8 V IF=50mA Reverse Current IR / / 10 µA VR=5V |
Similar Part No. - AL-103IR-850-30C_08 |
|
Similar Description - AL-103IR-850-30C_08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |