Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA4AGSW1_V5 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part No. MA4AGSW1_V5
Description  SPST Reflective AlGaAs PIN Diode Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1_V5 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1_V5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SPST Reflective AlGaAs PIN Diode Switch
Rev. V5
MA4AGSW1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MA4AGSW1 Schematic with 2-18 GHz Bias Network
Operation of the MA4AGSW1 Switch
The application of 0V or a negative DC voltage to either J1 or J2 provides insertion loss for the MA4AGSW1
SPST reflective switch. Isolation is achieved with +10 mA total D.C. current. The forward bias voltage at the diode
bias node is typically 1.4 volts for supply currents up to +30 mA and will not exceed 1.6 volts. The backside area
of the die is the RF and DC return ground plane. The bias network design should yield >30 dB RF to DC isolation.
Available for use in conjunction with M/A-COM Tech’s line of AlGaAs switches are two, fully integrated, broad-
band, monolithic, bias networks which may be used as an alternative to the suggested individual component bias
network shown below. Refer to datasheets for the MA4BN1840-1 and MA4BN1840-2 for additional information.
The lowest insertion loss, P1dB, IP
3, and switching speed is achieved by applying a minimum value of | -2V | at
D.C. Bias node, which is achievable with a standard, ± 5V TTL Controlled PIN Diode Driver.
Note: The bias network can be connected to either J1 or J2
CONTROL LEVEL (DC CURRENT)
RF OUTPUT STATE
J1 or J2
J1-J2
-5V
Low Loss
+10mA
Isolation
TYPICAL DRIVER CONNECTIONS


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn