Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETC4-1-2TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # ETC4-1-2TR
Description  E-Series RF 1:4 Flux Coupled Step-up Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ETC4-1-2TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  ETC4-1-2TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ETC4-1-2TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. ETC4-1-2TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. ETC4-1-2TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
E-Series RF 1:4 Flux Coupled Step-up Transformer
2 – 800 MHz
Rev. V4
ETC4-1-2TR
†Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
DC Power
250mW
DC Current
30mA
Operating Temperature
-55°C to +85°C
Storage Temperature
-55°C to +125°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
6. External DC blocking capacitors are required on all RF ports (39 pF capacitors are recommended).
Electrical Specifications: TA = 25°C, Z0 = 50
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
2 - 800
MHz
Insertion Loss
FL— fU
10 - 100
5 - 600
2 - 800
dB
dB
dB
1.21
1.0
2.0
3.0
Amplitude Unbalance
10 - 100
2 - 800
dB
dB
0.25
1.0
Phase Unbalance
10 - 500
2 - 800
Degrees
Degrees
2.0
10.0


Similar Part No. - ETC4-1-2TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1-2TR MACOM-ETC4-1-2TR Datasheet
85Kb / 2P
   4:1 Step-up Transformer 2.0 - 800 MHz
logo
M/A-COM Technology Solu...
ETC4-1-2TR MA-COM-ETC4-1-2TR_15 Datasheet
805Kb / 6P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2 - 800 MHz
More results

Similar Description - ETC4-1-2TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011020-V1 MA-COM-MABA-011020-V1 Datasheet
770Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
logo
Tyco Electronics
MABAES0010 MACOM-MABAES0010 Datasheet
142Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
logo
M/A-COM Technology Solu...
MABA-011020 MA-COM-MABA-011020_15 Datasheet
770Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
DS-ETC4-1-2 MA-COM-DS-ETC4-1-2 Datasheet
302Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
DS-ETC4-1 MA-COM-DS-ETC4-1 Datasheet
340Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up
ETC4-1 MA-COM-ETC4-1_1 Datasheet
340Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410 Datasheet
64Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 1 - 350 MHz
logo
Tyco Electronics
ETC4-1 MACOM-ETC4-1 Datasheet
76Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
logo
M/A-COM Technology Solu...
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410_15 Datasheet
184Kb / 4P
   E-Series RF 1:4 Coupled Step-Up Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com