Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C-3MT Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R8C-3MT
Description  Sample Program: 3-Minute Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C-3MT Datasheet(HTML) 4 Page - Renesas Technology Corp

  R8C-3MT Datasheet HTML 1Page - Renesas Technology Corp R8C-3MT Datasheet HTML 2Page - Renesas Technology Corp R8C-3MT Datasheet HTML 3Page - Renesas Technology Corp R8C-3MT Datasheet HTML 4Page - Renesas Technology Corp R8C-3MT Datasheet HTML 5Page - Renesas Technology Corp R8C-3MT Datasheet HTML 6Page - Renesas Technology Corp R8C-3MT Datasheet HTML 7Page - Renesas Technology Corp R8C-3MT Datasheet HTML 8Page - Renesas Technology Corp R8C-3MT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
R8C/Tiny Series
Sample Program: 3-Minute Timer
REJ05B0272-0200Z/Rev.2.00
July 2004
Page 4 of 21
3.3 Chattering Elimination
To protect the key input against chattering noise, SW1 and SW4 are read multiple times to confirm that
the detected input levels are the same. For the 3-minute timer, key input is sampled at 10 ms intervals,
and is confirmed to have been entered when sampled low three times consecutively.


Similar Part No. - R8C-3MT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-32PIN RENESAS-R8C-32PIN Datasheet
258Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-33A RENESAS-R8C-33A Datasheet
452Kb / 55P
   MCU
R8C-35A RENESAS-R8C-35A Datasheet
500Kb / 56P
   MCU
More results

Similar Description - R8C-3MT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C26A-M RENESAS-M16C26A-M Datasheet
519Kb / 17P
   Sample Program (Message)
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
   Sample Program (Voltmeter)
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
   Sample Program (Calendar)
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
   Sample Program: Musical Scales
M16C26A-LM RENESAS-M16C26A-LM Datasheet
568Kb / 16P
   Sample Program (Lux Meter)
M16C26A-MS RENESAS-M16C26A-MS Datasheet
514Kb / 17P
   Sample Program (Musical Scale)
M16C26A-TS RENESAS-M16C26A-TS Datasheet
601Kb / 17P
   Sample Program (Terminal Software)
M16C26A-EDC RENESAS-M16C26A-EDC Datasheet
638Kb / 18P
   Sample Program (Electronic Desktop Calculator)
M16C26A-RCT RENESAS-M16C26A-RCT Datasheet
538Kb / 18P
   Sample Program (Remote Control Transmission/Reception)
M16C26A-24NT RENESAS-M16C26A-24NT Datasheet
534Kb / 16P
   Sample Program (24-Number Time-of-Day Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com