Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL24211IRTZ-EVALZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL24211IRTZ-EVALZ
Description  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24211IRTZ-EVALZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL24211IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL24211
2
FN7585.0
February 23, 2011
Block Diagram
Pin Configuration
ISL24211
(10 LD TDFN)
TOP VIEW
FIGURE 2. BLOCK DIAGRAM OF THE ISL24211
GND
I2C INTERFACE
DAC
REGISTERS
8-Bit EEPROM
SCL
SDA
WP
VDD
AVDD
SET
10
9
3
6
8
7
4
5
CS
DVR_OUT
2
1
Q1
A1
VCOM_OUT
INN
ANALOG DCP
AND
CURRENT SINK
VCOM BUFFER
AMPLIFER
A2
(*THERMAL PAD CONNECTS TO GND)
INN
DVR_OUT
AVDD
1
2
3
4
10
9
8
7
VCOM_OUT
SET
SCL
SDA
EXPOSED
THERMAL
PAD*
6 VDD
GND 5
WP
Pin Descriptions
PIN
NAME
PIN
NUMBER
FUNCTION
INN
1
Negative (inverting) input of the VCOM buffer op
amp. This pin is used to provide feedback from
the end point of the VCOM trace.
DVR_OUT
2
Adjustable Sink Current Output Pin. The current
sunk into the DVR_OUT pin is equal to the DAC
setting times the maximum adjustable sink
current divided by 256. See the “SET” pin
function description below (pin 9) for the
maximum adjustable sink current setting. Also
tied to the non-inverting input of buffer amp.
AVDD
3
Analog Power Supply Input. Bypass to GND
with 0.1µF capacitor.
WP
4
EEPROM Write Protect. Active Low.
0 = Programming disabled; 1 = Programming
allowed.
GND
5
Ground connection.
VDD
6
Digital power supply input. Bypass to GND with
0.1µF capacitor.
SDA
7
I2C Serial Data Input
SCL
8
I2C Clock Input
SET
9
Maximum Sink Current Adjustment Point.
Connect a resistor from SET to GND to set the
maximum adjustable sink current of the
DVR_OUT pin. The maximum adjustable sink
current is equal to (AVDD/20) divided by RSET.
VCOM_OUT
10
Output of the buffer amplifier
PAD
-
Thermal pad should be connected to system
ground plane to optimize thermal performance.


Similar Part No. - ISL24211IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24211IRTZ-EVALZ INTERSIL-ISL24211IRTZ-EVALZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211IRTZ-EVALZ RENESAS-ISL24211IRTZ-EVALZ Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results

Similar Description - ISL24211IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com