Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA214P13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISLA214P13
Description  14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P13 Datasheet(HTML) 1 Page - Intersil Corporation

  ISLA214P13 Datasheet HTML 1Page - Intersil Corporation ISLA214P13 Datasheet HTML 2Page - Intersil Corporation ISLA214P13 Datasheet HTML 3Page - Intersil Corporation ISLA214P13 Datasheet HTML 4Page - Intersil Corporation ISLA214P13 Datasheet HTML 5Page - Intersil Corporation ISLA214P13 Datasheet HTML 6Page - Intersil Corporation ISLA214P13 Datasheet HTML 7Page - Intersil Corporation ISLA214P13 Datasheet HTML 8Page - Intersil Corporation ISLA214P13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
14-Bit, 500MSPS ADC
ISLA214P50
The ISLA214P50 is a 14-bit, 500MSPS analog-to-digital converter
designed with Intersil’s proprietary FemtoCharge™ technology on
a standard CMOS process. The ISLA214P50 is part of a
pin-compatible portfolio of 12 to 16-bit A/Ds with maximum
sample rates ranging from 130MSPS to 500MSPS.
The device utilizes two time-interleaved 250MSPS unit ADCs to
achieve the ultimate sample rate of 500MSPS. A single 500MHz
conversion clock is presented to the converter, and all interleave
clocking is managed internally. The proprietary Intersil Interleave
Engine (I2E) performs automatic correction of offset, gain, and
sample time mismatches between the unit ADCs to optimize
performance.
A serial peripheral interface (SPI) port allows for extensive
configurability of the A/D. The SPI also controls the interleave
correction circuitry, allowing the system to issue offline and
continuous calibration commands as well as configure many
dynamic parameters.
Digital output data is presented in selectable LVDS or CMOS
formats. The ISLA214P50 is available in a 72 Ld QFN package
with an exposed paddle. Operating from a 1.8V supply,
performance is specified over the full industrial temperature
range (-40°C to +85°C).
Key Specifications
• SNR @ 500MSPS
= 72.7dBFS fIN = 30MHz
= 70.6dBFS fIN = 363MHz
• SFDR @ 500MSPS
= 84dBc fIN = 30MHz
= 76dBc fIN = 363MHz
• Total Power Consumption = 835mW @ 500MSPS
Features
• Automatic Fine Interleave Correction Calibration
• Single Supply 1.8V Operation
• Clock Duty Cycle Stabilizer
• 75fs Clock Jitter
• 700MHz Bandwidth
• Programmable Built-in Test Patterns
•Multi-ADC Support
- SPI Programmable Fine Gain and Offset Control
- Support for Multiple ADC Synchronization
- Optimized Output Timing
• Nap and Sleep Modes
- 200µs Sleep Wake-up Time
• Data Output Clock
• DDR LVDS-Compatible or LVCMOS Outputs
• User-accessible Digital Temperature Monitor
Applications
• Radar Array Processing
• Software Defined Radios
• Broadband Communications
• High-Performance Data Acquisition
• Communications Test Equipment
DIGITAL
ERROR
CORRECTION
SHA
VINP
VINN
14-BIT
250 MSPS
ADC
CLOCK
MANAGEMENT
SHA
14-BIT
250 MSPS
ADC
CLKP
CLKN
SPI
CONTROL
VREF
CLKOUTP
CLKOUTN
D[13:0]P
D[13:0]N
ORP
ORN
+
VCM
VREF
I2E
Gain, Offset
and Skew
Adjustments
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
ISLA216P25
16
250
ISLA216P20
16
200
ISLA216P13
16
130
ISLA214P50
14
500
ISLA214P25
14
250
ISLA214P20
14
200
ISLA214P13
14
130
ISLA212P50
12
500
ISLA212P25
12
250
ISLA212P20
12
200
ISLA212P13
12
130
March 15, 2011
FN7571.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) and FemtoCharge are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISLA214P13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA214P13 RENESAS-ISLA214P13 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISLA214P13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA212P50_1105 INTERSIL-ISLA212P50_1105 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Linear Technology
LTC2246H LINER-LTC2246H Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2246H LINER-LTC2246H_15 Datasheet
206Kb / 18P
   14-Bit, 25Msps 125C ADC In LQFP
logo
Analog Devices
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com