Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ISL28108 Datasheet(PDF) 21 Page - Intersil Corporation

Part No. ISL28108
Description  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL28108 Datasheet(HTML) 21 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ISL28108, ISL28208
21
FN6935.1
March 17, 2011
FIGURE 69. CHARACTERIZED SMALL SIGNAL TRANSIENT
RESPONSE
FIGURE 70. SIMULATED SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 71. SIMULATED OUTPUT VOLTAGE SWING
Characterization vs Simulation Results (Continued)
TIME (µs)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VS = ±15V
AV = 1
RL = 2k
CL = 4pF
VS = ±5V
AND
TIME (µs)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VS = ±15V
AV = 1
RL = 2k
CL = 4pF
VS = ±5V
AND
0
0.5
1.0
1.5
2.0
-20V
-10V
0V
10V
20V
TIME (m s)
VOH = 14.93V
VOL = -14.94V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn