Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUZZ1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BUZZ1
Description  Sample Program (Musical Scale)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BUZZ1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  BUZZ1 Datasheet HTML 1Page - Renesas Technology Corp BUZZ1 Datasheet HTML 2Page - Renesas Technology Corp BUZZ1 Datasheet HTML 3Page - Renesas Technology Corp BUZZ1 Datasheet HTML 4Page - Renesas Technology Corp BUZZ1 Datasheet HTML 5Page - Renesas Technology Corp BUZZ1 Datasheet HTML 6Page - Renesas Technology Corp BUZZ1 Datasheet HTML 7Page - Renesas Technology Corp BUZZ1 Datasheet HTML 8Page - Renesas Technology Corp BUZZ1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
REJ05B0817-0110 Rev.1.10
2007.12
Page 4 of 17
M16C/26A Group
Sample Program (Musical Scale)
5.
Operational Specification
(1) Immediately after the reset switch is depressed, the scale
corresponding to a variable resistor position is output.
(2) Scale output and display are changed using the variable
resistor (R9).
(3) Scale output is turned on or off by pressing SW1.
When scale output is turned off, a string “mute” is
displayed.
Relationship between VR Input (Input Voltage) and Scale Output
Input voltage
Frequency
0 -0.625V
do
259Hz
0.625 -1.25V
re
292Hz
1.25 -1.875V
mi
327Hz
1.875 - 2.5V
fa
347Hz
2.5 - 3.125V
so
393Hz
3.125 - 3.75V
la
441Hz
3.75 - 4.375V
si
498Hz
4.375 - 5V
do
524Hz
* The AD values are set by calling the common function “AD
average” (RL_AdVeraging). Within the function, a value is
sampled 6 times, and the sampled values except the maximum
and minimum values are averaged, the result of which is
returned. This average value is acquired 8 times, the average of
which is made a fixed value.
(1) Reset switch depressed
2
5
H z
9
d
s
c
a
l
e
o
(2) Variable resistor
2
9
H z
2
r
s
c
a
l
e
e
m u t
s
c
a
l
e
e
(3) SW1 depressed
2
9
H z
2
r
s
c
a
l
e
e
(4) SW1 depressed


Similar Part No. - BUZZ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ10 STMICROELECTRONICS-BUZ10 Datasheet
79Kb / 8P
   N - CHANNEL 50V - 0.06W - 23A TO-220 STripFET] MOSFET
logo
Siemens Semiconductor G...
BUZ10 SIEMENS-BUZ10 Datasheet
132Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
New Jersey Semi-Conduct...
BUZ10 NJSEMI-BUZ10 Datasheet
96Kb / 4P
   SIPMOS 짰 Power Transistor
logo
Inchange Semiconductor ...
BUZ10 ISC-BUZ10 Datasheet
65Kb / 2P
   High current capability
logo
List of Unclassifed Man...
BUZ10 ETC2-BUZ10 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BUZZ1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
   Sample Program: Musical Scales
M16C26A-M RENESAS-M16C26A-M Datasheet
519Kb / 17P
   Sample Program (Message)
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
   Sample Program (Voltmeter)
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
   Sample Program (Calendar)
M16C26A-LM RENESAS-M16C26A-LM Datasheet
568Kb / 16P
   Sample Program (Lux Meter)
M16C26A-TS RENESAS-M16C26A-TS Datasheet
601Kb / 17P
   Sample Program (Terminal Software)
M16C26A-EDC RENESAS-M16C26A-EDC Datasheet
638Kb / 18P
   Sample Program (Electronic Desktop Calculator)
R8C-3MT RENESAS-R8C-3MT Datasheet
112Kb / 21P
   Sample Program: 3-Minute Timer
M16C26A-RCT RENESAS-M16C26A-RCT Datasheet
538Kb / 18P
   Sample Program (Remote Control Transmission/Reception)
M16C26A-24NT RENESAS-M16C26A-24NT Datasheet
534Kb / 16P
   Sample Program (24-Number Time-of-Day Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com